Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9708 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9708 Datasheet HTML 1Page - Maxim Integrated Products MAX9708 Datasheet HTML 2Page - Maxim Integrated Products MAX9708 Datasheet HTML 3Page - Maxim Integrated Products MAX9708 Datasheet HTML 4Page - Maxim Integrated Products MAX9708 Datasheet HTML 5Page - Maxim Integrated Products MAX9708 Datasheet HTML 6Page - Maxim Integrated Products MAX9708 Datasheet HTML 7Page - Maxim Integrated Products MAX9708 Datasheet HTML 8Page - Maxim Integrated Products MAX9708 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
_______________________________________________________________________________________
5
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER PER CHANNEL (W)
25
20
15
10
5
0.1
1
10
100
0.01
030
PVDD = 18V, 8
STEREO MODE, 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER PER CHANNEL (W)
10
5
0.1
1
10
100
0.01
015
PVDD = 12V,
STEREO MODE,
fIN = 1kHz
RL = 8
RL = 4
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
10
100k
1
0.01
PVDD = 18V,
8
Ω STEREO MODE,
POUT = 8.3W PER
CHANNEL
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER PER CHANNEL (W)
25
20
15
10
5
20
30
40
50
60
70
80
90
100
10
030
PVDD = 18V, 8
STEREO MODE
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
16
14
12
5
10
15
20
25
30
0
10
18
RL = 8
STEREO MODE
10% THD+N
1% THD+N
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
20
18
16
14
12
12
14
16
18
20
22
24
10
10
22
STEREO MODE
TA = +25
°C
TA = +85
°C
TA = -40
°C
Typical Operating Characteristics
(PVDD = VDD = +18V, PGND = GND = 0V, CSS = 0.47µF, CREG = 0.01µF, C1 = 0.1µF, C2 = 1µF, RLOAD =
∞, SHDN = high, MONO
= low, MUTE = high, G1 = low, G2 = high, FS1 = FS2 = high (SSM), SYNCIN = low. All load resistors (RL) are between OUT_+ and
OUT_-, TA = +25°C, unless otherwise stated.)
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
20
18
12
14
16
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
22
SHDN = 0
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
50
40
30
20
10
0.1
1
10
100
0.01
060
PVDD = 18V, 4
Ω MONO MODE,
1kHz


Similar Part No. - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708 Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9708ETN++ MAXIM-MAX9708ETN+ Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9708ETN/V++ MAXIM-MAX9708ETN/V+ Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
More results

Similar Description - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
   6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com