Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A113 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB39A113
Description  ASSP for Power Supply Applications (Secondary Battery)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A113 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB39A113 Datasheet HTML 5Page - Fujitsu Component Limited. MB39A113 Datasheet HTML 6Page - Fujitsu Component Limited. MB39A113 Datasheet HTML 7Page - Fujitsu Component Limited. MB39A113 Datasheet HTML 8Page - Fujitsu Component Limited. MB39A113 Datasheet HTML 9Page - Fujitsu Component Limited. MB39A113 Datasheet HTML 10Page - Fujitsu Component Limited. MB39A113 Datasheet HTML 11Page - Fujitsu Component Limited. MB39A113 Datasheet HTML 12Page - Fujitsu Component Limited. MB39A113 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
MB39A113
9
(Continued)
(VCC
= 19 V, VREF = 0 mA, Ta = +25 °C)
* : Standard design value
Parameter
Sym-
bol
Pin
No.
Conditions
Value
Unit
Min
Typ
Max
PWM
Comparator
Block
[PWM Comp.]
Threshold voltage
VTL
7, 15 Duty cycle
= 0%
1.4
1.5
V
VTH
7, 15 Duty cycle
= 100%
2.5
2.6
V
Output Block
[OUT]
Output source
current
ISOURCE
20
OUT
= 13 V, Duty ≤ 5%
(t
= 1/fosc × Duty)
−400*
mA
Output sink current
ISINK
20
OUT
= 19 V, Duty ≤ 5%
(t
= 1/fosc × Duty)
400*
mA
Output ON resistor
ROH
20
OUT
= −45 mA
6.5
9.8
ROL
20
OUT
= 45 mA
5.0
7.5
Rise time
tr1
20
OUT
= 3300 pF
50*
ns
Fall time
tf1
20
OUT
= 3300 pF
50*
ns
AC Adaptor
Detection Block
[UV Comp.]
Threshold voltage
VTLH
21
VCC
=
,
−INC2 = 16.8 V 17.2
17.4
17.6
V
VTHL
21
VCC
=
,
−INC2 = 16.8 V 16.8
17.0
17.2
V
Hysteresis width
VH
21

0.4*
V
Constant-voltage
Control State
Detection Block
[CV Comp.]
Threshold voltage
VTLH
5FB3
=
2.6
2.7
2.8
V
VTHL
5FB3
=
2.5
2.6
2.7
V
Hysteresis width
VH
5

0.1*
V
CVM terminal output
leakage current
ILEAK
5CVM
= 25 V
01
µA
CVM terminal output
ON resistor
RON
5CVM
= 1 mA
200
400
Overvoltage
Detection Block
[OV Comp.]
Threshold voltage
VTLH
18
FB3
=
1.3
1.4
1.5
V
VTHL
18
FB3
=
1.2
1.3
1.4
V
Hysteresis width
VH
18

0.1*
V
OVP terminal
output leak current
ILEAK
18
OVP
= 25 V
01
µA
OVP terminal
output ON resistor
RON
18
OVP
= 1 mA
200
400
Control Block
[CTL]
CTL input voltage
VON
14
IC operation mode
2
25
V
VOFF
14
IC standby mode
0
0.8
V
Input current
ICTLH
14
CTL
= 5 V
100
150
µA
ICTLL
14
CTL
= 0 V
01
µA
Bias Voltage
Block
[VH]
Output voltage
VH
19
VCC
= 8 V to 25 V,
VH
= 0 mA to 30 mA
VCC
−6.5
VCC
−6.0
VCC
−5.5
V
General
Standby current
ICCS
21
CTL
= 0 V
010
µA
Power supply
current
ICC
21
CTL
= 5 V
57.5
mA


Similar Part No. - MB39A113

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
MB39A110PFT-E1 FUJITSU-MB39A110PFT-E1 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
MB39A112 FUJITSU-MB39A112 Datasheet
343Kb / 35P
   3-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39A112 CYPRESS-MB39A112 Datasheet
305Kb / 38P
   3-ch DC/DC Converter IC
MB39A112EVB-01 CYPRESS-MB39A112EVB-01 Datasheet
2Mb / 23P
   Power Supply Application
More results

Similar Description - MB39A113

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3771PF-G-BND-JNE1 FUJITSU-MB3771PF-G-BND-JNE1 Datasheet
196Kb / 21P
   ASSP For power supply applications BIPOLAR Power Supply Monitor
logo
DONGGUAN YOU FENG WEI E...
MB39C007WQN-G-JN-ERE1 YFWDIODE-MB39C007WQN-G-JN-ERE1 Datasheet
828Kb / 52P
   ASSP for Power Management Applications
logo
Fujitsu Component Limit...
MB39C326PW-G-EFE1 FUJITSU-MB39C326PW-G-EFE1 Datasheet
276Kb / 2P
   ASSP for Power Supply Applications 6MHz Synchronous Rectification Buck-Boost
logo
Holtek Semiconductor In...
HT45F4M HOLTEK-HT45F4M Datasheet
5Mb / 138P
   Lithium Battery Backup Power ASSP MCU
HT45FH4M HOLTEK-HT45FH4M Datasheet
5Mb / 138P
   Lithium Battery Backup Power ASSP MCU
logo
Fujitsu Component Limit...
MB39A132QN-G-ERE1 FUJITSU-MB39A132QN-G-ERE1 Datasheet
526Kb / 56P
   ASSP For Power Management Applications (Rechargeable Battery) Synchronous Rectification DC/DC Converter IC for Charging Li-ion Battery
logo
Silicon Laboratories
AN856 SILABS-AN856 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
logo
Toshiba Semiconductor
CLS01 TOSHIBA-CLS01 Datasheet
209Kb / 5P
   Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
CLS03 TOSHIBA-CLS03 Datasheet
209Kb / 5P
   Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
CLS02 TOSHIBA-CLS02 Datasheet
183Kb / 5P
   Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com