Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST34HF1682C-70-4E-L1SE Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST34HF1682C-70-4E-L1SE
Description  16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1682C-70-4E-L1SE Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST34HF1682C-70-4E-L1SE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST34HF1682C-70-4E-L1SE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST34HF1682C-70-4E-L1SE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST34HF1682C-70-4E-L1SE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST34HF1682C-70-4E-L1SE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST34HF1682C-70-4E-L1SE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF1682C-70-4E-L1SE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1682C-70-4E-L1SE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1682C-70-4E-L1SE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
Advance Information
16 Mbit Concurrent SuperFlash + 2/4/8 Mbit SRAM ComboMemory
SST34HF1602C / SST34HF1622C / SST34HF1642C
SST34HF1642D / SST34HF1682D / SST34HF1622S / SST34HF1642S
©2004 Silicon Storage Technology, Inc.
S71256-00-000
3/04
protect
against
inadvertent
flash
write,
the
SST34HF16x2C/D/S devices contain on-chip hardware
and software data protection schemes.
The flash and (P)SRAM operate as two independent mem-
ory banks with respective bank enable signals. The mem-
ory bank selection is done by two bank enable signals. The
(P)SRAM bank enable signals, BES1# and BES2, select
the (P)SRAM bank (BES1# and BES2 are NC for
SST34HF1602C). The flash memory bank enable signal,
BEF#, has to be used with Software Data Protection (SDP)
command sequence when controlling the Erase and Pro-
gram operations in the flash memory bank. The memory
banks are superimposed in the same memory address
space where they share common address lines, data lines,
WE# and OE# which minimize power consumption and
area.
Designed, manufactured, and tested for applications requir-
ing low power and small form factor, the SST34HF16x2C/
D/S are offered in both commercial and extended tempera-
tures and a small footprint package to meet board space
constraint requirements. See Figures 3 and 4 for pin
assignments.
Device Operation
The SST34HF16x2C/D/S uses BES1#, BES2 and BEF#
to control operation of either the flash or the (P)SRAM
memory bank. When BEF# is low, the flash bank is acti-
vated for Read, Program or Erase operation. When BES1#
is low, and BES2 is high the (P)SRAM is activated for Read
and Write operation. BEF# and BES1# cannot be at low
level, and BES2 cannot be at high level at the same time. If
all bank enable signals are asserted, bus contention
will result and the device may suffer permanent dam-
age. All address, data, and control lines are shared by flash
and (P)SRAM memory banks which minimizes power con-
sumption and loading. The device goes into standby when
BEF# and BES1# bank enables are raised to VIHC (Logic
High) or when BEF# is high and BES2 is low.
Concurrent Read/Write Operation
Dual bank architecture of SST34HF16x2C/D/S devices
allows the Concurrent Read/Write operation whereby the
user can read from one bank while programming or eras-
ing in the other bank. This operation can be used when the
user needs to read system code in one bank while updat-
ing data in the other bank. See Figures 1 and 2 for dual-
bank memory organization.
Note: For the purposes of this table, write means to Block-, Sector,
or Chip-Erase, or Word-/Byte-Program as applicable to the
appropriate bank.
Flash Read Operation
The Read operation of the SST34HF16x2C/D/S is con-
trolled by BEF# and OE#, both have to be low for the sys-
tem to obtain data from the outputs. BEF# is used for
device selection. When BEF# is high, the chip is dese-
lected and only standby power is consumed. OE# is the
output control and is used to gate data from the output pins.
The data bus is in high impedance state when either BEF#
or OE# is high. Refer to the Read cycle timing diagram for
further details (Figure 8).
CONCURRENT READ/WRITE STATES
Flash
(P)SRAM
Bank 1
Bank 2
Read
Write
No Operation
Write
Read
No Operation
Write
No Operation
Read
No Operation
Write
Read
Write
No Operation
Write
No Operation
Write
Write


Similar Part No. - SST34HF1682C-70-4E-L1SE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1681-70-4C-L1P SST-SST34HF1681-70-4C-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1681-70-4E-L1P SST-SST34HF1681-70-4E-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1681-90-4C-L1P SST-SST34HF1681-90-4C-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1681-90-4E-L1P SST-SST34HF1681-90-4E-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
More results

Similar Description - SST34HF1682C-70-4E-L1SE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com