Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5260 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5260
Description  80-DOT COMMON/SEGMENT DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5260 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5260 Datasheet HTML 3Page - OKI electronic componets MSM5260 Datasheet HTML 4Page - OKI electronic componets MSM5260 Datasheet HTML 5Page - OKI electronic componets MSM5260 Datasheet HTML 6Page - OKI electronic componets MSM5260 Datasheet HTML 7Page - OKI electronic componets MSM5260 Datasheet HTML 8Page - OKI electronic componets MSM5260 Datasheet HTML 9Page - OKI electronic componets MSM5260 Datasheet HTML 10Page - OKI electronic componets MSM5260 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MSM5260
¡ Semiconductor
7/12
CP
DI1
DO80
LOAD
0.8VDD
tw(CP)
0.8VDD
tf(CP)
tw(CP)
0.2VDD
tr(CP)
0.8VDD
0.2VDD
0.8VDD
0.2VDD
0.8VDD 0.8VDD
0.2VDD 0.2VDD
0.8
0.8
VDD
VDD
0.2
0.2
VDD
VDD
tHOLD
tSETUP
tHOLD
tSETUP
0.8VDD
0.2VDD
tPLH
tPHL
tCL
0.8VDD
0.2VDD
0.8VDD
0.2VDD
tLC
tf(L)
tw(L)
tr(L)
Parameter
Symbol
Condition
Unit
"H","L" Propagation Delay Time
ns
tpLH
tpHL
——
Clock Frequency
fCP
Clock Pulse Width
ns
tW(CP)
125
LOAD Pulse Width
ns
tW(L)
125
Data Setup Time DIÆCP
tSETUP
50
CPÆLOAD Time
ns
tCL
250
ns
LOADÆCP Time
tLC
0—
ns
tHOLD
50
ns
CP Rise/Fall Time
ns
tr(CP)
tf(CP)
——
50
LOAD Rise/Fall Time
ms
tr(L)
tf(L)
1
Data Hold Time DIÆCP
Duty = 50%
MHZ
250
3.3
(VDD = 5V ± 10%, Ta = –20 to +85°C, CL = 15pF)
Min.
Typ.
Max.
Switching Characteristics


Similar Part No. - MSM5260

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
   80-DOT LCD DRIVER
MSM5267B-15 OKI-MSM5267B-15 Datasheet
128Kb / 9P
   33-BIT VFD SEGMENT DRIVER
More results

Similar Description - MSM5260

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6599B OKI-MSM6599B Datasheet
130Kb / 11P
   80-DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
   80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6698 OKI-MSM6698 Datasheet
93Kb / 8P
   80-DOT COMMON DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
   80-DOT LCD SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
   80-DOT LCD SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
   80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com