Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP64L4Y2-849HZ Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DP64L4Y2-849HZ
Description  32-Pin DIP 4 - Pole Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DP64L4Y2-849HZ Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DP64L4Y2-849HZ Datasheet HTML 3Page - List of Unclassifed Manufacturers DP64L4Y2-849HZ Datasheet HTML 4Page - List of Unclassifed Manufacturers DP64L4Y2-849HZ Datasheet HTML 5Page - List of Unclassifed Manufacturers DP64L4Y2-849HZ Datasheet HTML 6Page - List of Unclassifed Manufacturers DP64L4Y2-849HZ Datasheet HTML 7Page - List of Unclassifed Manufacturers DP64L4Y2-849HZ Datasheet HTML 8Page - List of Unclassifed Manufacturers DP64L4Y2-849HZ Datasheet HTML 9Page - List of Unclassifed Manufacturers DP64L4Y2-849HZ Datasheet HTML 10Page - List of Unclassifed Manufacturers DP64L4Y2-849HZ Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
High-Pass
4-Pole, 0.5 dB Ripple
Appendix A
Chebychev
33
25 Locust St., Haverhill, Massachusetts 01830
Tel :800/252-7074, 978/374-0761 FAX:978/521-1839
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com Fax on Demand: 978/521-5178
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7 8
-100
-80
-60
-40
-20
0
(sec)
Theoretical Transfer Characteristics
1
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.20
1.50
1.70
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
.133
.107
.088
.498
.401
.296
.221
.169
.500
.014
.043
.249
.469
-26.8
-20.2
-14.0
-8.13
-3.01
-91.9
-67.6
-53.1
-42.6
-34.1
21.8
19.3
17.3
62.7
45.5
35.7
29.4
25.0
179
133
117
98.2
76.9
317
307
293
274
245
354
347
341
334
326
.008
.006
.005
.065
.035
.021
.014
.010
.693
.271
.199
.146
.095
.263
.326
.440
.651
.946
.174
.179
.188
.203
.226


Similar Part No. - DP64L4Y2-849HZ

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
DP64L4Y2 FREQUENCYDEVICES-DP64L4Y2 Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
More results

Similar Description - DP64L4Y2-849HZ

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
logo
List of Unclassifed Man...
424L4B ETC1-424L4B Datasheet
419Kb / 12P
   32-Pin DIP 4-Pole Filters
logo
Frequency Devices, Inc.
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
   32 Pin DIP 6-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com