Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8983GEFL
Description  Mobile Multimedia CODEC with 1W Speaker Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8983GEFL Datasheet HTML 1Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 2Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 3Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 4Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 8Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
WM8983
Product Preview
w
PP Rev 1.1 August 2005
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LIP
Analogue input
Left MIC pre-amp positive input
2
LIN
Analogue input
Left MIC pre-amp negative input
3
L2/GPIO2
Analogue input
Left channel line input/secondary mic pre-amp positive input/GPIO2 pin
4
RIP
Analogue input
Right MIC pre-amp positive input
5
RIN
Analogue input
Right MIC pre-amp negative input
6
R2/GPIO3
Analogue input
Right channel line input/secondary mic pre-amp positive input/GPIO3 pin
7
LRC
Digital Input / Output
DAC and ADC sample rate clock
8
BCLK
Digital Input / Output
Digital audio bit clock
9
ADCDAT
Digital Output
ADC digital audio data output
10
DACDAT
Digital Input
DAC digital audio data input
11
MCLK
Digital Input
Master clock input
12
DGND
Supply
Digital ground
13
DCVDD
Supply
Digital core logic supply
14
DBVDD
Supply
Digital buffer (I/O) supply
15
CSB/GPIO1
Digital Input / Output
3-Wire control interface chip Select / GPIO1 pin
16
SCLK
Digital Input
3-Wire control interface clock input / 2-wire control interface clock input
17
SDIN
Digital Input / Output
3-Wire control interface data input / 2-Wire control interface data input
18
MODE
Digital Input
Control interface selection
19
AUXL
Analogue input
Left auxillary input
20
AUXR
Analogue input
Right auxillary input
21
OUT4
Analogue Output
right line output or mono mix output
22
OUT3
Analogue Output
mono or left line output
23
ROUT2
Analogue Output
Headphone or line output right 2
24
AGND2
Supply
Analogue ground (feeds ROUT2/LOUT2 and OUT3/OUT4)
25
LOUT2
Analogue Output
Headphone or line output left 2
26
AVDD2
Supply
Analogue supply (feeds output amplifiers ROUT2/LOUT2 and OUT3/OUT4)
27
VMID
Reference
Decoupling for ADC and DAC reference voltage
28
AGND1
Supply
Analogue ground (feeds all input amplifiers, PLL, ADC and DAC, internal
bias circuits, output amplifiers LOUT1, ROUT1)
29
ROUT1
Analogue Output
Headphone or line output right 1
30
LOUT1
Analogue Output
Headphone or line output left 1
31
AVDD1
Supply
Analogue supply (feeds all input amplifiers, PLL, ADC and DAC, internal
bias circuits, output amplifiers LOUT1, LOUT2))
32
MICBIAS
Analogue Output
Microphone bias
Note:
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.


Similar Part No. - WM8983GEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8983GEFL/RV WOLFSON-WM8983GEFL/RV Datasheet
1Mb / 123P
   Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/RV WOLFSON-WM8983GEFL/RV Datasheet
1Mb / 124P
   Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/V WOLFSON-WM8983GEFL/V Datasheet
1Mb / 123P
   Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/V WOLFSON-WM8983GEFL/V Datasheet
1Mb / 124P
   Mobile Multimedia CODEC with 1W Speaker Driver
More results

Similar Description - WM8983GEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8983 WOLFSON-WM8983_06 Datasheet
1Mb / 123P
   Mobile Multimedia CODEC with 1W Speaker Driver
WM8983 WOLFSON-WM8983_10 Datasheet
1Mb / 124P
   Mobile Multimedia CODEC with 1W Speaker Driver
logo
Cirrus Logic
WM8983 CIRRUS-WM8983 Datasheet
2Mb / 129P
   Mobile Multimedia CODEC with 1W Speaker Driver
logo
Wolfson Microelectronic...
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
   Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
   Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
   Mono CODEC with Speaker Driver
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
   MONO CODEC WITH SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com