Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8983GEFL
Description  Mobile Multimedia CODEC with 1W Speaker Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

  WM8983GEFL Datasheet HTML 1Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 2Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 3Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 4Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8983GEFL Datasheet HTML 8Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
WM8983
Product Preview
w
PP Rev 1.1 August 2005
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=AVDD2=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Preamp Inputs (LIP, LIN, RIP, RIN, L2, R2)
Full-scale Input Signal Level –
single ended input configuration
via L/RIN. Note1
VINFSSE
PGABOOST = 0dB
INPPGAVOL = 0dB
1.0
0
Vrms
dBV
Full-scale Input Signal Level –
pseudo differential input
configuration via L/RIP and
L/R2. Note1
VINFSPD
PGABOOST = 0dB
INPPGAVOL = 0dB
0.707
-3
Vrms
dBV
Mic PGA equivalent input noise
At 35.25dB
gain
0 to 20kHz
150
uV
Input resistance
RMICIN
Gain set to 35.25dB
1.6
k
Input resistance
RMICIN
Gain set to 0dB
47
k
Input resistance
RMICIN
Gain set to -12dB
75
k
Input resistance
RMICIP
RIP2INPPGA = 1
90
k
Input resistance
RMICIP
RIP2INPPGA = 0
90
k
Input Capacitance
CMICIN
10
pF
MIC Programmable Gain Amplifier (PGA)
Programmable Gain
-12
35.25
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Mute Attenuation
100
dB
Selectable Input Gain Boost (0/+20dB)
Boost disabled
0
dB
Gain Boost on PGA input
Boost enabled
20
dB
Gain range from AUXL/R or
L/R2 input to boost/mixer
-12
+6
dB
Gain step size to boost/mixer
3
dB
Auxilliary Analogue Inputs (AUXL, AUXR)
Full-scale Input Signal Level
(0dB) – note this is proportional
to AVDD1
VINFS
AVDD1/3.3
0
Vrms
dBV
RAUXINLMIN
Left Input boost and mixer
enabled, at max gain
4.3
k
RAUXINLTYP
Left Input boost and mixer
enabled, at 0dB gain
8.6
k
RAUXINLMAX
Left Input boost and mixer
enabled, at min gain
39.1
k
RAUXINRMIN
Right Input boost, mixer and
beep enabled, at max gain
3
k
RAUXINRTYP
Right Input boost, mixer and
beep enabled, at 0dB gain
6
k
Input Resistance
RAUXINRMAX
Right Input boost, mixer and
beep enabled, at min gain
29
k
Input Capacitance
CMICIN
10
pF
Automatic Level Control (ALC)
Target Record Level
-22.5
-1.5
dB
Programmable gain
-12
35.25


Similar Part No. - WM8983GEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8983GEFL/RV WOLFSON-WM8983GEFL/RV Datasheet
1Mb / 123P
   Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/RV WOLFSON-WM8983GEFL/RV Datasheet
1Mb / 124P
   Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/V WOLFSON-WM8983GEFL/V Datasheet
1Mb / 123P
   Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/V WOLFSON-WM8983GEFL/V Datasheet
1Mb / 124P
   Mobile Multimedia CODEC with 1W Speaker Driver
More results

Similar Description - WM8983GEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8983 WOLFSON-WM8983_06 Datasheet
1Mb / 123P
   Mobile Multimedia CODEC with 1W Speaker Driver
WM8983 WOLFSON-WM8983_10 Datasheet
1Mb / 124P
   Mobile Multimedia CODEC with 1W Speaker Driver
logo
Cirrus Logic
WM8983 CIRRUS-WM8983 Datasheet
2Mb / 129P
   Mobile Multimedia CODEC with 1W Speaker Driver
logo
Wolfson Microelectronic...
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
   Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
   Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
   Mono CODEC with Speaker Driver
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
   MONO CODEC WITH SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com