Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHV28 Datasheet(PDF) 1 Page - International Rectifier

Part # AHV28
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHV28 Datasheet(HTML) 1 Page - International Rectifier

  AHV28 Datasheet HTML 1Page - International Rectifier AHV28 Datasheet HTML 2Page - International Rectifier AHV28 Datasheet HTML 3Page - International Rectifier AHV28 Datasheet HTML 4Page - International Rectifier AHV28 Datasheet HTML 5Page - International Rectifier AHV28 Datasheet HTML 6Page - International Rectifier AHV28 Datasheet HTML 7Page - International Rectifier AHV28 Datasheet HTML 8Page - International Rectifier AHV28 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
11/20/02
www.irf.com
1
ADVANCED ANALOG
HYBRID-HIGH RELIABILITY
DC/DC CONVERTERS
AHV28XX SERIES
Description
n 80 Transient Input (100 msec max.)
n 50 VDC Input (Continous)
n 16 to 40 VDC Input Range
n Single, Dual and Triple Outputs
n 15 Watts Output Power
(No Temperature Derating)
n Low Input / Output Noise
n Full Military Temperature Range
n Wideband PWM Control Loop
n Magnetic Feedback
n Low Profile Hermetic Package (0.405”)
n Short Circuit and Overload Protection
n Constant Switching Frequency (500KHz)
n True Hermetic Package (Parallel Seam
Welded, Ceramic Pin Feedthru)
Features
AHV
28V Input, Single, Dual and Triple Output
The AHV Series of DC/DC converters are designed to
replace the AHE/ATO family of converters in applica-
tions requiring compliance to MIL-STD-704A through
E, in particular the input surge requirement of 80 volts
specified to withstand transient input voltage of 80 volts.
No input voltage or output power derating is necessary
over the full military temperature range.
These converters are packaged in an extremely rug-
ged, low profile package that meets all requirements of
MIL-STD-883 and MIL-PRF-38534. Parallel seam weld
sealing and the use of ceramic pin feedthru seals as-
sure long term hermeticity after exposure to extended
temperature cycling.
The basic circuit is a push-pull forward topology using
power MOSFET switches. The nominal switching fre-
quency is 500KHz. A unique current injection circuit
assures current balancing in the power switches. All
AHV series converters use a single stage LC input filter
to attenuate input ripple current. A low power 11.5volt
series regulator provides power to an epitaxial CMOS
custom pulse width modulator integrated circuit. This
single integrated circuit provides all PWM primary cir-
cuit functions. Power is transferred from primary to sec-
ondary through a ferrite core power transformer. An
error voltage signal is generated by comparing a highly
stable reference voltage with the converter output volt-
age and drives the PWM through a unique wideband
magnetic feedback circuit. This proprietary feedback
circuit provides an extremely wide bandwidth, high gain
control loop, with high phase margin. The feedback
control loop gain is insensitive to temperature, radia-
tion, aging, and variations in manufacturing. The trans-
fer function of the feedback circuit is a function of the
feedback transformer turns ratio which cannot change
when subjected to environmental extremes.
The CH grade is fully compliant to the require-
ments of MIL-PRF-38534 for class H. The HB
grade is processed and screened to the class H
requirement, but may not necessarily meet all of
the other MIL-PRF-38534 requirements, e.g., el-
ement evaluation and Periodic Inspection (P.I.)
not required. Both grades are tested to meet the
complete group “A” test specification over the full
military temperature range without output power
deration. Two grades with more limited screen-
ing are also available for use in less demanding
applications. Variations in electrical, mechanical
and screening can be accommodated. Contact
Advanced Analog for special requirements.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are available in four screen-
ing grades to satisfy a wide range of requirements.
PD - 94583


Similar Part No. - AHV28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHV2800 ETC1-AHV2800 Datasheet
112Kb / 8P
   Hybrid - High Reliability DC/DC Converters
logo
International Rectifier
AHV2800 IRF-AHV2800 Datasheet
182Kb / 9P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHV2800 IRF-AHV2800_15 Datasheet
182Kb / 9P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHV2805DFCH IRF-AHV2805DFCH Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805DFCH IRF-AHV2805DFCH Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AHV28

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com