Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1232LPS Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM1232LPS
Description  5V uP Power Supply Monitor and Reset Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1232LPS Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM1232LPS Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1232LPS Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1232LPS Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1232LPS Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1232LPS Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1232LPS Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1232LPS Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1232LPS Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1232LPS Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ASM1232LP/LPS
5 of 10
Notice: The information in this document is subject to change without notice
5V µP Power Supply Monitor and Reset Circuit
January 2005
rev 1.5
Absolute Maximum Ratings
DC Electrical Characteristics
Unless otherwise stated, 4.5V <= VCC<= 5.5V and over the operating temperature range of 0°C to 70°C (-40°C to +85°C. for N devices). All
voltages are referenced to ground.
Parameter
Min
Max
Unit
Voltage on VCC
-0.5
7
V
Voltage on ST, TD
-0.5
VCC + 0.5
V
Voltage on PBRST, RESET, RESET
-0.5
VCC + 0.5
V
Operating Temperature Range (N suffixed devices)
-40
+85
°C
Operating Temperature Range (others)
0
70
°C
Soldering Temperature (for 10 sec)
+260
°C
Storage Temperature
-55
+125
°C
ESD rating
HBM
MM
2
200
KV
V
Note:
1. Voltages are measured with respect to ground
2. These are stress ratings only and functional implication is not implied. Exposure to absolute maximum ratings for extended
periods may affect device reliability.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
ST and PBRST Input High Level
VIH
2
VCC + 0.3
V
ST and PBRST Input Low Level
VIL
-0.3
0.8
V
VCC Trip Point (TOL = GND)
VCCTP
4.50
4.62
4.74
V
VCC Trip Point (TOL = VCC)VCCTP
4.25
4.37
4.49
V
Watchdog Timeout Period
tTD
TD = GND
62.5
150
250
ms
Watchdog Timeout Period
tTD
TD = VCC
500
1200
2000
ms
Watchdog Timeout Period
tTD
TD Floating
250
610
1000
ms
Output Voltage
VOH
I=-500µA, Note 3
VCC - 0.5
VCC - 0.1
V
Output Current
IOH
Output = 2.4V, Note 2
-8
-10
mA
Output Current
IOL
Output = 0.4V
10
mA


Similar Part No. - ASM1232LPS

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM1232LPS PULSECORE-ASM1232LPS Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1232LPS ONSEMI-ASM1232LPS Datasheet
173Kb / 12P
   5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1232LPS-2 PULSECORE-ASM1232LPS-2 Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1232LPS-2 ONSEMI-ASM1232LPS-2 Datasheet
173Kb / 12P
   5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1232LPS-2F PULSECORE-ASM1232LPS-2F Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
More results

Similar Description - ASM1232LPS

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1832 ALSC-ASM1832 Datasheet
259Kb / 9P
   3.3V UP Power Supply Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
   Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
ASM1232LP ONSEMI-ASM1232LP Datasheet
173Kb / 12P
   5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
   3.3V 關P Power Supply Monitor and Reset Circuit
logo
IMP, Inc
IMP1232LP IMP-IMP1232LP Datasheet
104Kb / 7P
   5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
logo
Alliance Semiconductor ...
ASM1834 ALSC-ASM1834 Datasheet
256Kb / 10P
   Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
logo
IMP, Inc
IMP1834 IMP-IMP1834 Datasheet
245Kb / 8P
   Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com