Electronic Components Datasheet Search
Selected language     English  ▼


M-61-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. M-61-T
Description  Non-Adjustable Flow Switches
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
2
2
2
2
2
Electrical
Electrical
Electrical
Electrical
Electrical
Malema Flow Sensors • 1060 South Rogers Circle •
Boca Raton, Florida
33487 • 1-800-637-6418
561-995-0595 • Fax (561) 995-0622 • http://www.malema.com • © Copyright 1998 •
The standard switch MUST be mounted vertically in
the position shown. Fluid flow is in the bottom out
the top. Switch is available in a universal mounting
version (with PTFE coated spring.)
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
UL and Canadian UL
UL and Canadian UL
UL and Canadian UL
UL and Canadian UL
UL and Canadian UL (File E138467)
UL and Canadian UL Recognized for use in
ordinary locations.
CE Compliance
CE Compliance
CE Compliance
CE Compliance
CE Compliance
Meets the intent of Directive 89/336/EEC for
Immunity and Low Voltage Directive 73/23/EEC
for Product Safety.
M-61-T Series
Certifications
Certifications
Certifications
Certifications
Certifications
Standard Specifications
Standard Specifications
Standard Specifications
Standard Specifications
Standard Specifications
This model is a FIXED flow switch. The flow set point is
fixed at the factory and is NOT field adjustable. Proper
calibration of the set point requires the following
information. When purchasing a flow switch, use the
“Set Point Calibration” form on page i-vi or provide this
information on the purchase order.
• Calibration set point,
• Increasing or decreasing flow,
• Fluid type (i.e. liquid or gas),
• Density or specific gravity,
• Viscosity,
• System pressure and temperature,
• Flow direction (i.e. upward or downward), and
• Mounting orientation (i.e. horizontal or vertical).
* The standard piston on the PTFE version is PTFE encapsulated.
SPST:
DC Resistive: 10 Watts, AC Resistive: 10 VA.
Switching Current: 0.5A.
Carrying Current: 1.2A.
SPDT:
DC Resistive: 3 Watts, AC Resistive: 3 VA.
Switching Current: 0.25A.
Carrying Current: 0.5A.
Installation
Installation
Installation
Installation
Installation
Cv at typical set points
Cv at typical set points
Cv at typical set points
Cv at typical set points
Cv at typical set points
M-60 v 1.0
Fixed Flow Setting Information
Fixed Flow Setting Information
Fixed Flow Setting Information
Fixed Flow Setting Information
Fixed Flow Setting Information
T
-
1
6
-
M
r
e
t
a
W
m
/
c
c
r
i
A
m
/
c
c
s
v
C
0
5
80
0
0
,
0
33
4
.
0
5
9
5
10
0
0
,
5
54
5
.
0
g
n
i
r
e
b
m
u
N
t
r
a
P
d
r
a
d
n
a
t
S
s
n
o
i
t
p
O
M-
l
e
d
o
M-
l
a
i
r
e
t
a
Mt
r
o
Ph
c
t
i
w
S-
g
n
i
t
n
u
o
Mn
o
t
s
i
P
M-
1
6-
T
2
1
-
0
1
-
X
X
X
1
6E
F
T
P
e
r
a
l
f
"
4
/
1
-
2
e
r
a
l
f
"
8
/
3
-
3
.
O
.
N
T
S
P
S
-
1
C
.
N
T
S
P
S
-
2
T
D
P
S
-
3
)
T
S
P
S
o
w
T
(
1
S
D
-
4
)
T
D
P
S
o
w
T
(
2
S
D
-
5
d
r
a
d
n
a
t
S
-
0
)
l
a
c
i
t
r
e
v
(
l
a
s
r
e
v
i
n
U
-
1
g
n
i
t
n
u
o
m
E
F
T
P
h
t
i
w
(
)
g
n
i
r
p
s
d
e
t
a
o
c
d
e
t
a
l
u
s
p
a
c
n
e
E
F
T
P
-
1
1
0
0
m
o
r
f
g
n
i
r
e
b
m
u
N
e
u
q
i
n
U
d
n
a
g
n
i
t
t
e
s
y
f
i
t
n
e
d
i
o
t
9
9
9
o
t
.
t
n
e
m
e
r
i
u
q
e
r
m
o
t
s
u
c
r
e
h
t
o
l
a
i
r
e
t
a
M
.
x
a
M
e
r
u
s
s
e
r
P
)
i
s
p
(
.
x
a
M
e
r
u
t
a
r
e
p
m
e
T
/
C
(
0 )
F
s
t
r
a
P
d
e
t
t
e
W
E
F
T
P0
0
20
2
2
/
4
0
1E
F
T
P




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FS7-4Flow Switches - Liquid 1 2 List of Unclassifed Manufacturers
UPD4432118132M-BIT ZEROSB SRAM FLOW THROUGH OPERATION 1 2 3 4 5 MoreNEC
GS8321ZV1836Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS8160Z18T18Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS8322ZV18B36Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
LF11331Quad SPST JFET Analog Switches 1 2 3 4 5 MoreNational Semiconductor (TI)
BSX20HIGH SPEED SATURATED SWITCHES 1 2 3 4 5 MoreSTMicroelectronics
TPS2014POWER DISTRIBUTION SWITCHES 1 2 3 4 5 MoreTexas Instruments
VS3244High Speed CMOS VSwitch Dual 4-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
BRT21SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl