Selected language     English  ▼


M-61-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. M-61-T
Description  Non-Adjustable Flow Switches
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Tope Co., Ltd.
Tel: (02) 8228-0658
Fax: (02) 8228-0659
http://www.sensor.com.tw
1
1
1
1
1
Non-Adjustable Flow Switches
Operation
Operation
Operation
Operation
Operation
The operating principle is based on a free floating magnetic
piston which responds only to the motion of fluids within the
line, not to static or system pressures. In the presence of fluid
flow, controlled movement of the piston actuates an external
hermetically sealed reed switch. This switch can be used to
actuate audible or visual alarms, as well as relays, or other
controls.
Custom V
Custom V
Custom V
Custom V
Custom Versions A
ersions A
ersions A
ersions A
ersions Available
vailable
vailable
vailable
vailable
Malema welcomes the opportunity to apply its flow sensor
experience to work for its customers. Please contact the factory
for any special requirements; such as ports, extreme temperature
and pressure capabilities, etc.
• 1/4” Flare
• 3/8” Flare
M-61-T Series
M-61-T Series
M-61-T Series
M-61-T Series
M-61-T Series
Air:
300 - 55,000 scc/min
Water: 20 - 1600 cc/min
* For lower and higher trip points contact factory.
Maximum flows through switch are higher.
Fixed setting flow switch
Fixed setting flow switch
Fixed setting flow switch
Fixed setting flow switch
Fixed setting flow switch
with right angle flow and flare fittings
with right angle flow and flare fittings
with right angle flow and flare fittings
with right angle flow and flare fittings
with right angle flow and flare fittings
Features
Features
Features
Features
Features
• For corrosive and non-corrosive liquids or
gases
• Senses increasing or decreasing flow
• Very accurate custom flow settings
• Hermetically sealed
• All-PTFE switch with flare fittings
• Universal mounting available (using PTFE
coated spring)
Applications
Applications
Applications
Applications
Applications
• Sample flow monitoring
• Alarm actuation
• Purge flows
• Loss of flow protection
• Semiconductor etch tools
• Laser cooling equipment
Set Point Accuracy:
±10% maximum
Repeatability:
±2%
Hysteresis:
15% (lower hysteresis on
request)
* Other materials available on request.
Calibration Range *
Specifications
Material Versions *
Port Sizes
company’s web site at http://www.malema.com.
More Product Information
More Product Information
More Product Information
More Product Information
More Product Information
To receive additional information about the M-61-T non-
adjustable flow switch, please call Malema at 1-800-637-6418.
Detailed information can also be downloaded from the
• PTFE




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FS7-4Flow Switches - Liquid 1 2 List of Unclassifed Manufacturers
UPD4432118132M-BIT ZEROSB SRAM FLOW THROUGH OPERATION 1 2 3 4 5 MoreNEC
GS8321ZV1836Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS8160Z18T18Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS8322ZV18B36Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
LF11331Quad SPST JFET Analog Switches 1 2 3 4 5 MoreNational Semiconductor (TI)
BSX20HIGH SPEED SATURATED SWITCHES 1 2 3 4 5 MoreSTMicroelectronics
TPS2014POWER DISTRIBUTION SWITCHES 1 2 3 4 5 MoreTexas Instruments
VS3244High Speed CMOS VSwitch Dual 4-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
BRT21SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl