Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVTX2601 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MVTX2601
Description  Unmanaged 24-Port 10/100 Mbps Ethernet Switch
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MVTX2601 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MVTX2601 Datasheet HTML 7Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 8Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 9Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 10Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 11Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 12Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 13Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 14Page - Zarlink Semiconductor Inc MVTX2601 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
MVTX2601
Data Sheet
11
Zarlink Semiconductor Inc.
2.2.6
Stop Condition
Generated by the master. The bus is considered to be free after the Stop condition is generated. The Stop condition
occurs if while the SCL line is High, there is a Low-to-High transition of the SDA line.
The I2C interface serves the function of configuring the MVTX2601 at boot time. The master is the MVTX2601 and
the slave is the EEPROM memory.
2.3
Synchronous Serial Interface
The synchronous serial interface serves the function of configuring the MVTX2601 not at boot time but via a PC.
The PC serves as master and the MVTX2601 serves as slave. The protocol for the synchronous serial interface is
nearly identical to the I2C protocol. The main difference is that there is no acknowledgment bit after each byte of
data transferred.
The unmanaged MVTX2601 uses a synchronous serial interface to program the internal registers. To reduce the
number of signals required, the register address, command and data are shifted in serially through the D0 pin.
STROBE- pin is used as the shift clock. AUTOFD- pin is used as data return path.
Each command consists of four parts.
START pulse
Register Address
Read or Write command
Data to be written or read back
Any command can be aborted in the middle by sending a ABORT pulse to the MVTX2601.
A START command is detected when D0 is sampled high when STROBE- rise and D0 is sampled low when
STROBE- fall.
An ABORT command is detected when D0 is sampled low when STROBE- rise and D0 is sampled high when
STROBE- fall.
2.3.1
Write Command
STROBE-
D0
START
ADDRESS
COMMAND
DATA
W
A0 A1 A2
...
A9 A10 A11
D0 D1 D2
D3 D4 D5
D6
D7
2 extra clock cycles after
last transfer


Similar Part No. - MVTX2601

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MVTX2602 ZARLINK-MVTX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2602AG ZARLINK-MVTX2602AG Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2603AG ZARLINK-MVTX2603AG Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2604 ZARLINK-MVTX2604 Datasheet
2Mb / 173P
   Managed 24-Port 10/100 Mb 2 Port 1 Gb Ethernet Switch
More results

Similar Description - MVTX2601

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
   Unmanaged 9-Port 10/100 Mbps Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
   8 Port Unmanaged Ethernet Switch 10/100
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
logo
Tripp Lite. All Rights ...
NFI-U08-2 TRIPPLITE-NFI-U08-2 Datasheet
172Kb / 3P
   8-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, DIN Mount
logo
Zarlink Semiconductor I...
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MVTX2803 ZARLINK-MVTX2803 Datasheet
1Mb / 127P
   Unmanaged 8-Port 1000 Mbps Ethernet Switch
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
   Unmanaged 4-Port 1000 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com