Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVTX2801AG Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MVTX2801AG
Description  Unmanaged 4-Port 1000 Mbps Ethernet Switch
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MVTX2801AG Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MVTX2801AG Datasheet HTML 1Page - Zarlink Semiconductor Inc MVTX2801AG Datasheet HTML 2Page - Zarlink Semiconductor Inc MVTX2801AG Datasheet HTML 3Page - Zarlink Semiconductor Inc MVTX2801AG Datasheet HTML 4Page - Zarlink Semiconductor Inc MVTX2801AG Datasheet HTML 5Page - Zarlink Semiconductor Inc MVTX2801AG Datasheet HTML 6Page - Zarlink Semiconductor Inc MVTX2801AG Datasheet HTML 7Page - Zarlink Semiconductor Inc MVTX2801AG Datasheet HTML 8Page - Zarlink Semiconductor Inc MVTX2801AG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
MVTX2801
Data Sheet
2
Zarlink Semiconductor Inc.
• Port-based Priority: VLAN Priority with Tagged frame can be overwritten by the priority of PVID
• QoS features can be configured on a per port basis Control
• Full Duplex Ethernet IEEE 802.3x Flow Control
• Provides Ethernet Multicast and Broadcast Control
• 2 Port Trunking groups, max of 3 ports per group (Trunking can be based on source MAC and/or destination
MAC and source port)
• LED signals provided by a serial or parallel interface
• Synchronous Serial Interface and I2C interface in unmanaged mode.
• Hardware auto-negotiation through serial management interface (MDIO) for Gigabit Ethernet ports, supports
10/100/1000 Mbps
• BIST for internal and external SRAM-ZBT
•I2C EEPROM or synchronous serial port for configuration
• Packaged in 596-pin BGA
Description
The MVTX2800 family is a group of 1000 Mbps non-blocking Ethernet switch chips with on-chip address memory. A
single chip provides a maximum of eight 1000 Mbps ports and a dedicated CPU interface with a 16/8-bit bus for
managed and unmanaged switch applications. The MVTX2800 family consists of the following four products:
• MVTX2804 8 Gigabit ports Managed
• MVTX2803 8 Gigabit ports Unmanaged
• MVTX2802 4 Gigabit ports Managed
• MVTX2801 4 Gigabit ports Unmanaged
The MVTX2801 supports up to 64K MAC addresses to aggregate traffic from multiple wiring closet stacks. The
centralized shared-memory architecture allows a very high performance packet-forwarding rate of 11.904M packet
per second at full wire speed. The chip is optimized to provide a low-cost, high performance workgroup, and wiring
closet, layer 2 switching solution with 4 Gigabit Ethernet ports.
One Frame Buffer Memory domain utilize cost effective, high-performance ZBT-SRAM with aggregated bandwidth
of 8.5Gbps to support full wire speed on all external ports simultaneously.
With Strict priority, Delay Bounded, and WRR transmission scheduling, plus WRED memory congestion scheme,
the chip provides powerful QoS functions for convergent network multimedia and mission-critical applications. The
chip provides 8 transmission priorities and 2 level drop precedence. Traffic is assigned its transmission priority and
dropping precedence based on the frame VLAN Tag priority.
The MVTX2801 supports port trunking/load sharing on the 1000 Mbps ports with fail-over capability. The port
trunking/load sharing can be used to group ports between interlinked switches to increase the effective network
bandwidth.
In full-duplex mode, IEEE 802.3x flow control is provided. The Physical Coding Sublayer (PCS) is integrated on-
chip to provide a direct 10-bit GMII interface, or the PCS can be bypassed to provide an interface to existing fiber-
based Gigabit Ethernet transceivers.
The MVTX2801 is fabricated using 0.25(
µm technology. Inputs, however, are 3.3V tolerant and the outputs are
capable of directly interfacing to LVTTL levels. The MVTX2801 is packaged in a 596-pin Ball Grid Array package.


Similar Part No. - MVTX2801AG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MVTX2802 ZARLINK-MVTX2802 Datasheet
1Mb / 154P
   Managed 4-Port 1000 Mbps Ethernet Switch
MVTX2802AG ZARLINK-MVTX2802AG Datasheet
1Mb / 154P
   Managed 4-Port 1000 Mbps Ethernet Switch
MVTX2803 ZARLINK-MVTX2803 Datasheet
1Mb / 127P
   Unmanaged 8-Port 1000 Mbps Ethernet Switch
MVTX2803AG ZARLINK-MVTX2803AG Datasheet
1Mb / 127P
   Unmanaged 8-Port 1000 Mbps Ethernet Switch
MVTX2804 ZARLINK-MVTX2804 Datasheet
2Mb / 174P
   8-Port 1000 Mbps Ethernet Distributed Switch
More results

Similar Description - MVTX2801AG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MVTX2803 ZARLINK-MVTX2803 Datasheet
1Mb / 127P
   Unmanaged 8-Port 1000 Mbps Ethernet Switch
MVTX2802 ZARLINK-MVTX2802 Datasheet
1Mb / 154P
   Managed 4-Port 1000 Mbps Ethernet Switch
logo
Glenair, Inc.
050_119 GLENAIR-050_119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
logo
Zarlink Semiconductor I...
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
   Unmanaged 9-Port 10/100 Mbps Ethernet Switch
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
MVTX2804 ZARLINK-MVTX2804 Datasheet
2Mb / 174P
   8-Port 1000 Mbps Ethernet Distributed Switch
logo
Tripp Lite. All Rights ...
NGI-U08 TRIPPLITE-NGI-U08 Datasheet
173Kb / 3P
   8-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, DIN Mount
NGI-U16 TRIPPLITE-NGI-U16 Datasheet
169Kb / 3P
   16-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, DIN Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com