Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM534001E Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM534001E
Description  524,288-Word x 8-Bit MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM534001E Datasheet(HTML) 6 Page - OKI electronic componets

  MSM534001E Datasheet HTML 1Page - OKI electronic componets MSM534001E Datasheet HTML 2Page - OKI electronic componets MSM534001E Datasheet HTML 3Page - OKI electronic componets MSM534001E Datasheet HTML 4Page - OKI electronic componets MSM534001E Datasheet HTML 5Page - OKI electronic componets MSM534001E Datasheet HTML 6Page - OKI electronic componets MSM534001E Datasheet HTML 7Page - OKI electronic componets MSM534001E Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MSM534001E
6
Read Cycle (Note 1)
Address
t
C
OE
D
OUT
t
ACC
t
OHZ
t
OE
t
OH
(Note 3)
Read Cycle (Note 2)
CE
t
C
OE
DOUT
t
CE
t
CHZ
t
OE
(Note 3)
Note)
1. CE is low level.
2. Address is fixed before or at the same time when CE level falls.
3. t
CHZ & tOHZ
indicate the time until floating. They are not determined by the output level.
I/O CAPACITANCE
Input Capacitance
Output Capacitance
Parameter
Symbol
C
I
Unit
8
Typ.
Conditions
Min.
Max.
C
O
pF
10
Rated Value
pF
V
I=0V
V
O=0V


Similar Part No. - MSM534001E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
More results

Similar Description - MSM534001E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM533202E OKI-MSM533202E Datasheet
97Kb / 8P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM533222E OKI-MSM533222E Datasheet
97Kb / 8P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM531632E OKI-MSM531632E Datasheet
102Kb / 9P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM
MSM533232E OKI-MSM533232E Datasheet
101Kb / 9P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com