Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT94L43 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT94L43
Description  SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L43 Datasheet(HTML) 7 Page - Exar Corporation

  XRT94L43 Datasheet HTML 1Page - Exar Corporation XRT94L43 Datasheet HTML 2Page - Exar Corporation XRT94L43 Datasheet HTML 3Page - Exar Corporation XRT94L43 Datasheet HTML 4Page - Exar Corporation XRT94L43 Datasheet HTML 5Page - Exar Corporation XRT94L43 Datasheet HTML 6Page - Exar Corporation XRT94L43 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
xr
xr
xr
xr
XRT94L43
SONET/SDH STS-12/STM-4 12 E3/DS3/STS-1 MAPPER
PRELIMINARY
REV. P1.0.0
7
ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT94L43IB
35 x 35 516 Lead PBGA
-40°C to +85°C
FIGURE 2. PIN OUT OF THE XRT94L43
(See pin list for pin nam es and function)
TOP VIEW
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
21
22
19
20
23
24
25
26
1
2
3
4
5
6
7
8
17
18
13
14
15
16
9
10
11
12
A
26
D
23
D
26
AC
1
AC
4
AC
23
AC
26
AF
1
AF
26
AE
1
AD
1
A1
D1
D4
C1
B1
L4
T4
E1
F1
G1
H1
J1
K1
L1
M1
AA
1
AB
1
U1
V1
W1
Y1
N1
P1
R1
T1
L2
T2
L3
T3
L
26
Y
26
L
23
T
23
L
24
T
24
L
25
T2
25
X RT94L43
V3
G
V1
G
G
G
G
G
G
G
G
G
G
G
G
V2
G
V3
V3
V3
V3
V3
V1
V1
V1
V1
V1
V1
V1
V2
V2
V2
V2
V2
V2
V2
L
22
T
22
L
21
T
21
L6
T6
L5
T5


Similar Part No. - XRT94L43

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L43A EXAR-XRT94L43A Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
XRT94L43IB EXAR-XRT94L43IB Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
More results

Similar Description - XRT94L43

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT94L31 EXAR-XRT94L31_07 Datasheet
1Mb / 133P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
logo
Applied Micro Circuits ...
CS1202 AMCC-CS1202 Datasheet
68Kb / 2P
   STS-12 ATM/DS3 SONET MAPPER
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com