Electronic Components Datasheet Search |
|
XRT94L43IB Datasheet(PDF) 4 Page - Exar Corporation |
|
XRT94L43IB Datasheet(HTML) 4 Page - Exar Corporation |
4 / 7 page XRT94L43 xr xr xr xr SONET/SDH STS-12/STM-4 12 E3/DS3/STS-1 MAPPER REV. P1.0.0 PRELIMINARY 4 • HDLC controller complies with ITU-T Q.921 LAPD protocol • Provides Line and Local Loopbacks • Supports M13 and C-bit parity mode • Supports B3ZS line decoding which can be user enabled. Replaces valid B0V or 00V with 3 zeros • Synchronizes to incoming frame based upon 10 valid F bits followed by 3 consecutive valid M frames. Offers optional AIC-bit or parity verification before declaration of sync • Detects Out of Frame (OOF) upon 3 or 6 F bits out of 15 F bits in error or 1 or more M bits in 3 of 4 con- secutive frames in error • Detects Loss of Signal (LOS) upon encountering 180 consecutive 0’s and clears on at least 60 of successive received 1’s.Offers optional disable • Detects idle state by checking C-bit in subframe 3 are all zero, X-bits are one and repeating 11001100 payloads. Declaration occurs when all the above conditions persist for 63 M-frames. Clears the con- dition when 63 valid M-frames are received • Detects AIS with different algorithm • Calculate parity and compare • Validate FERF bits, sets to one when both X-bits are zero and clears when they are One • Detects and validates FEAC codes upon 8 out of 10 last identical received codes. Invalidates on 3 in 10 mismatch • Provides 15-bit PRBS lock DS3 TRANSMIT FRAMER • Offers following frame generation mechanism: Asynchronous operation, using receive side clock, external framing • Supports either C-bit operation or M13 operation: optional all C bits set to "1" or C-bit parity ID bit (C11) toggled in each frame for M13 operation • Provides start of frame control with external pin • Inserts frame overhead bits via External serial port or Internal generation • Generates and checks parity • Enables FERF insertion by receiver LOS and/or OOF and/or AIS conditions with polarity suitability • Enables FEBE insertion through register bit. Indi- cates receiver F-bit errors, M-bit errors and CP-bit parity errors • Provides FEAC channel processing including gen- eration of valid FEAC patterns and transmissions of all 1’s upon programming of idle code • Inserts path maintenance data link through HDLC transmitter which contains the following features: AM for storage of entire LAPD message Selection of message length to 82 or 76 bytes Optional frame header generation Generation of flag sequences Computation and insertion of CRC Zero stuffing Register bits for communication with micro- processor Interrupt generation upon transmission of message • LOS Insertion enabled by register bit • AIS Insertion enabled by register bit or pin • Idle signal insertion enabled by register bit • Supports B3ZS encoding • Generates AIS, Idle and Yellow force alarms • Inserts errors optionally in the P, F, FEBE and M bits • Provides 15-bit PRBS generator E3 RECEIVE FRAMER • Offers off-line framing algorithm • Complies with standards ITU-T G.751 and G.832 • Provides line code violation detection and excess zero count • LAPD controller complies with ITU Q.921 LAPD protocol • Provides local loop-back • Supports G.751 and G.832 framing formats • Supports HDB3 line decoding which can be user enabled. Replaces valid B00V or 000V with 4 zero’s • Synchronizes to incoming frame based upon occur- rence of two sets of FA1, FA2 with expected sepa- ration -G.832 or detection of three consecutive frame alignment signals (FAS) - G.751 • Detects Out of Frame (OOF) upon 4 consecutive invalid frames • Detects Loss of Signal (LOS) upon encountering 32 consecutive 0’s and clears on occurrence of 32 bits without a string of 4 0s • Detects AIS if 7 or less 0s detected in each of 2 consecutive frames and clears if more than seven 0’s detected in each of 2 consecutive frames • Calculation and comparison of BIP-8 (G.832) or BIP-4 (G.751). BIP-4 calculation can be disabled • Supports overhead extraction |
Similar Part No. - XRT94L43IB |
|
Similar Description - XRT94L43IB |