Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB3R1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TB3R1
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB3R1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TB3R1 Datasheet HTML 3Page - Texas Instruments TB3R1 Datasheet HTML 4Page - Texas Instruments TB3R1 Datasheet HTML 5Page - Texas Instruments TB3R1 Datasheet HTML 6Page - Texas Instruments TB3R1 Datasheet HTML 7Page - Texas Instruments TB3R1 Datasheet HTML 8Page - Texas Instruments TB3R1 Datasheet HTML 9Page - Texas Instruments TB3R1 Datasheet HTML 10Page - Texas Instruments TB3R1 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
1
2
3
4
5
-50
0
50
100
150
Max
Nom
Min
TA - Free-Air Temperature - 5C
VCC = 3.3 V
1
2
3
4
5
-50
0
50
100
150
VCC = 3.3 V
Nom
Min
Max
TA - Free-Air Temperature - 5C
15
20
25
30
35
-50
0
50
100
150
TA - Free-Air Temperature - 5C
ICC max at VCC = 3.6 V
ICC Typical at VCC = 3.3 V
0
0.5
1
1.5
2
2.5
3
3.5
-50
0
50
100
150
VCC = 3.3 V
VOH min
VOL max
TA - Free-Air Temperature - °C
TB3R1, TB3R2
SLLS587B – NOVEMBER 2003 – REVISED MAY 2004
TYPICAL CHARACTERISTICS (continued)
LOW-TO-HIGH PROPAGATION DELAY
HIGH-TO-LOW PROPAGATION DELAY
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 6.
Figure 7.
MINIMUM VOH AND MAXIMUM VOL
TYPICAL AND MAXIMUM ICC
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 8.
Figure 9.
7


Similar Part No. - TB3R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1D TI-TB3R1D Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1D TI1-TB3R1D Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1DE4 TI-TB3R1DE4 Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB3R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com