Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB3R1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TB3R1
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB3R1 Datasheet(HTML) 2 Page - Texas Instruments

  TB3R1 Datasheet HTML 1Page - Texas Instruments TB3R1 Datasheet HTML 2Page - Texas Instruments TB3R1 Datasheet HTML 3Page - Texas Instruments TB3R1 Datasheet HTML 4Page - Texas Instruments TB3R1 Datasheet HTML 5Page - Texas Instruments TB3R1 Datasheet HTML 6Page - Texas Instruments TB3R1 Datasheet HTML 7Page - Texas Instruments TB3R1 Datasheet HTML 8Page - Texas Instruments TB3R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
POWER DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
TB3R1, TB3R2
SLLS587B – NOVEMBER 2003 – REVISED MAY 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PART MARKING
Package
LEAD FIISH
STATUS
TB3R1D
TB3R1
SOIC
NiPdAu
Production
TB3R2D
TB3R2
SOIC
NiPdAu
Production
TB3R1LD
TB3R1
SOIC
SnPb
Production
TB3R2LD
TB3R2
SOIC
SnPb
Production
POWER RATING
THERMAL RESISTANCE,
DERATING FAC-
POWER RATING
CIRCUIT BOARD
PACKAGE
TA≤ 25°C
JUNCTION-TO-AMBIENT
TOR(1)
TA = 85°C
MODEL
WITH NO AIR FLOW
TA≥ 25°C
Low-K(1)
763 mW
131.1
°C/W
7.6 mW/
°C
305 mW
D
High-K(2)
1190 mW
84.1
°C/W
11.9 mW/
°C
475 mW
Low-K(1)
831 mW
120.3
°C/W
8.3 mW/
°C
332 mW
DW
High-K(2)
1240 mW
80.8
°C/W
12.4 mW/
°C
494 mW
(1)
In accordance with the low-K thermal metric definitions of EIA/JESD51-3.
(2)
In accordance with the high-K thermal metric definitions of EIA/JESD51-7.
THERMAL CHARACTERISTICS
PARAMETER
PACKAGE
VALUE
UNIT
D
47.5
°C/W
Junction-to-Board
θ
JB
Thermal Resistance
DW
53.7
°C/W
D
44.2
°C/W
Junction-to-Case
θ
JC
Thermal Resistance
DW
47.1
°C/W
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage, VCC
0 V to 6 V
Magnitude of differential bus (input) voltage, |VAI - V|, |VBI - V|, |VCI - V|, |VDI - V|
6.5 V
Human Body Model(2)
All pins
±3 kV
ESD
Charged-Device Model(3)
All pins
±2 kV
Continuous power dissipation
See Dissipation Rating Table
Storage temperature, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under,, absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under,, recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(3)
Tested in accordance with JEDEC Standard 22, Test Method C101.
2


Similar Part No. - TB3R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1D TI-TB3R1D Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1D TI1-TB3R1D Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1DE4 TI-TB3R1DE4 Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB3R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com