Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHF7130 Datasheet(PDF) 7 Page - International Rectifier

Part # IRHF7130
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHF7130 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRHF7130 Datasheet HTML 3Page - International Rectifier IRHF7130 Datasheet HTML 4Page - International Rectifier IRHF7130 Datasheet HTML 5Page - International Rectifier IRHF7130 Datasheet HTML 6Page - International Rectifier IRHF7130 Datasheet HTML 7Page - International Rectifier IRHF7130 Datasheet HTML 8Page - International Rectifier IRHF7130 Datasheet HTML 9Page - International Rectifier IRHF7130 Datasheet HTML 10Page - International Rectifier IRHF7130 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
Pre-Irradiation
IRHF7130
Radiation Characteristics
Fig 15. Typical Output Characteristics
Post-Irradiation 300K Rads (Si)
Fig 16. Typical Output Characteristics
Post-Irradiation 1 Mega Rads (Si)
Fig 13. Typical Output Characteristics
Pre-Irradiation
Fig 14. Typical Output Characteristics
Post-Irradiation 100K Rads (Si)
Note: Bias Conditions during radiation: VGS = 0 Vdc, VDS = 80 Vdc


Similar Part No. - IRHF7130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
306Kb / 12P
   Simple Drive Requirements
IRHF7130 IRF-IRHF7130_15 Datasheet
306Kb / 12P
   Simple Drive Requirements
More results

Similar Description - IRHF7130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF57234SE IRF-IRHF57234SE Datasheet
186Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597130 IRF-IRHF597130 Datasheet
203Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57Z30 IRF-IRHF57Z30 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57133SE IRF-IRHF57133SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57130 IRF-IRHF57130 Datasheet
113Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597230 IRF-IRHF597230 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57034 IRF-IRHF57034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF67230 IRF-IRHF67230 Datasheet
209Kb / 9P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com