Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM534032E Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM534032E
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM534032E Datasheet(HTML) 1 Page - OKI electronic componets

  MSM534032E Datasheet HTML 1Page - OKI electronic componets MSM534032E Datasheet HTML 2Page - OKI electronic componets MSM534032E Datasheet HTML 3Page - OKI electronic componets MSM534032E Datasheet HTML 4Page - OKI electronic componets MSM534032E Datasheet HTML 5Page - OKI electronic componets MSM534032E Datasheet HTML 6Page - OKI electronic componets MSM534032E Datasheet HTML 7Page - OKI electronic componets MSM534032E Datasheet HTML 8Page - OKI electronic componets MSM534032E Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
1
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
DESCRIPTION
The OKI MSM534032E is a high-speed CMOS Mask ROM that can electrically switch
between 262,144-word x 16-bit and 524,288-word x 8-bit configurations. The MSM534032E
operates on a single 3.0V or 3.3V power supply but offers the same fast access times as
products operating at 5.0V. The MSM534032E's applied byte system and pin compatibility
with UV erasable EPROMs make it ideally suited as large capacity read-only memory for
portable microcomputers and data terminal equipment. Optional products with 2.7V~5.5V
operating parameters are also available.
FEATURES
3.0V or 3.3V single power supply
262,144-words x 16-bit/524,288-words x 8-bit
Access time–current consumption
150ns–15mA (3.0V±0.3V operation)
120ns–20mA (3.3V±0.3V operation)
Tri-State output configurations
I
nternal powerdown function
Packages:
40-PIN PLASTIC DIP (DIP40-P-600-2.54)
40-PIN PLASTIC SOP (SOP40-P-525-1.27-K)
44-PIN PLASTIC TSOP (TSOPII44-P-400-0.80-K)
4MEPROM (40-PIN) pin compatible
MSM534032E


Similar Part No. - MSM534032E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
More results

Similar Description - MSM534032E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
   524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com