Electronic Components Datasheet Search |
|
HD6417032 Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
HD6417032 Datasheet(HTML) 10 Page - Renesas Technology Corp |
10 / 691 page Addresses of On-Chip Peripheral Module Registers The on-chip peripheral module registers are located in the on-chip peripheral module space (area 5: H'5000000–H'5FFFFFF), but since the actual register space is only 512 bytes, address bits A23–A9 are ignored. 32k shadow areas in 512 byte units that contain exactly the same contents as the actual registers are thus provided in the on-chip peripheral module space. In this manual, register addresses are specified as though the on-chip peripheral module registers were in the 512 bytes H'5FFFE00–H'5FFFFFF. Only the values of the A27–A24 and A8–A0 bits are valid; the A23–A9 bits are ignored. When area H'5000000–H'50001FF is accessed, for example, the result will be the same as when area H'5FFFE00–H'5FFFFFF is accessed. For more details, see Section 8.3.5, Area Descriptions: Area 5. |
Similar Part No. - HD6417032 |
|
Similar Description - HD6417032 |