Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V283220LT-6 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY57V283220LT-6
Description  4 Banks x 1M x 32Bit Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V283220LT-6 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY57V283220LT-6 Datasheet HTML 2Page - Hynix Semiconductor HY57V283220LT-6 Datasheet HTML 3Page - Hynix Semiconductor HY57V283220LT-6 Datasheet HTML 4Page - Hynix Semiconductor HY57V283220LT-6 Datasheet HTML 5Page - Hynix Semiconductor HY57V283220LT-6 Datasheet HTML 6Page - Hynix Semiconductor HY57V283220LT-6 Datasheet HTML 7Page - Hynix Semiconductor HY57V283220LT-6 Datasheet HTML 8Page - Hynix Semiconductor HY57V283220LT-6 Datasheet HTML 9Page - Hynix Semiconductor HY57V283220LT-6 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Rev. 0.9 / July 2004
6
HY57V283220(L)T(P) / HY5V22(L)F(P)
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITION (TA=0 to 70°C)
Note :
1.All voltages are referenced to VSS = 0V
2.VIH (max) is acceptable 5.6V AC pulse width with
≤3ns of duration with no input clamp diodes
3.VIL (min) is acceptable -2.0V AC pulse width with
≤3ns of duration with no input clamp diodes
AC OPERATING CONDITION (TA=0 to 70°C, 3.0V ≤VDD ≤3.6V, VSS=0V - Note1)
Note :
1.Output load to measure access times is equivalent to two TTL gates and one capacitor (30pF)
For details, refer to AC/DC output load circuit
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
°C
Storage Temperature
TSTG
-55 ~ 125
°C
Voltage on Any Pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1W
Soldering Temperature Þ Time
TSOLDER
260
⋅ 10
°C ⋅ Sec
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD, VDDQ
3.0
3.3
3.6
V
1
Input high voltage
VIH
2.0
3.0
VDDQ + 0.3
V
1,2
Input low voltage
VIL
- 0.3
0
0.8
V
1,3
Parameter
Symbol
Value
Unit
Note
AC input high / low level voltage
VIH / VIL
2.4/0.4
V
Input timing measurement reference level voltage
Vtrip
1.4
V
Input rise / fall time
tR / tF
1
ns
Output timing measurement reference level
Voutref
1.4
V
Output load capacitance for access time measurement
CL
30
pF
1


Similar Part No. - HY57V283220LT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-6 HYNIX-HY57V281620ALT-6 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-7 HYNIX-HY57V281620ALT-7 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-8 HYNIX-HY57V281620ALT-8 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-H HYNIX-HY57V281620ALT-H Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
More results

Similar Description - HY57V283220LT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5V22GF HYNIX-HY5V22GF Datasheet
358Kb / 11P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
   4 Banks x 1M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com