Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1425T Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFBR-1425T
Description  Components is Designed to Provide cost effective, High performance fiber optic communication links
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1425T Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFBR-1425T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-1425T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-1425T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-1425T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1425T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1425T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1425T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-1425T Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-1425T Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Mechanical Dimensions
SC Port
HFBR-x4Ex
28.65
(1.128)
15.95
(0.628)
10.0
(0.394)
12.7
(0.500)
12.7
(0.50)
2.54
(0.10)
3.81
(0.15)
6.35
(0.25)
5.1
(0.200)
10.38
(0.409)
3.60
(0.140)
1.27
(0.050)
2.54
(0.100)


Similar Part No. - HFBR-1425T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-1425TZ BOARDCOM-HFBR-1425TZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-1425T

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com