Electronic Components Datasheet Search |
|
NCP1550SN19T1 Datasheet(PDF) 3 Page - ON Semiconductor |
|
NCP1550SN19T1 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 18 page NCP1550 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (VIN = 5.0 V, TA = 25°C for typical value, −40°C v TA v 85°C for min/max values unless otherwise noted.) Characteristic Symbol Min Typ Max Unit TOTAL DEVICE Input Voltage VIN 2.45 − 5.50 V Output Voltage (ILOAD = 0 mA, TA = 25°C) NCP1550SN18T1 NCP1550SN19T1 NCP1550SN25T1 NCP1550SN27T1 NCP1550SN30T1 NCP1550SN33T1 VOUT 1.764 1.862 2.450 2.646 2.940 3.234 1.8 1.9 2.5 2.7 3.0 3.3 1.836 1.938 2.550 2.754 3.060 3.366 V Input Current into VOUT Pin NCP1550SN18T1 NCP1550SN19T1 NCP1550SN25T1 NCP1550SN27T1 NCP1550SN30T1 NCP1550SN33T1 IVOUT − − − − − − 2.5 2.5 2.5 2.5 2.5 2.5 4.0 4.0 4.0 4.0 4.0 4.0 mA Temperature Coefficient DVOUT/DVT − 100 − ppm/ °C Operating Current (VIN = 5.0 V, VCE = 5.0 V, No External Components) NCP1550SN18T1 NCP1550SN19T1 NCP1550SN25T1 NCP1550SN27T1 NCP1550SN30T1 NCP1550SN33T1 IDD − − − − − − 50 50 50 50 50 50 80 80 80 80 80 80 mA Off−State Current (VIN = 5.0 V, VCE = 0 V, TA = 25°C) NCP1550SN18T1 NCP1550SN19T1 NCP1550SN25T1 NCP1550SN27T1 NCP1550SN30T1 NCP1550SN33T1 IOFF − − − − − − 0.3 0.3 0.3 0.3 0.3 0.3 0.5 0.5 0.5 0.5 0.5 0.5 mA OSCILLATOR Frequency FOSC 510 600 690 kHz Frequency Temperature Coefficient (TA = −40°C to 85°C) DFOSC/DTA − 0.11 − %/ °C Maximum Duty Cycle DMAX 100 − − % PWM/PFM Switchover ON Time Threshold (Note 4) TON(PFM) 167 320 500 ns Soft−Start Delay Time (Note 4) Tss − 8.0 − ms Protection Delay Time (Auto Restart) Tprot − 8.0 − ms OUTPUT DRIVE (PIN 4) EXT “H” Output Current (VEXT = VIN – 0.4 V) IEXTH − −60 − mA EXT “L” Output Current (VEXT = 0.4 V) IEXTL − 100 − mA EXT “L−H” Rise Time (CLOAD = 1000 pF) (VIN = 5.0 V) Tr − 65 − ns EXT “H−L” Fall Time (CLOAD = 1000 pF) (VIN = 5.0 V) Tf − 40 − ns EXT “L−H” Rise Time (CLOAD = 5.0 nF) (VIN = 5.0 V) Tr − 140 − ns EXT “H−L” Fall Time (CLOAD = 5.0 nF) (VIN = 5.0 V) Tf − 90 − ns 4. PWM/PFM Switchover ON Time Threshold min/max guaranteed by design only. |
Similar Part No. - NCP1550SN19T1 |
|
Similar Description - NCP1550SN19T1 |