Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRH93130 Datasheet(PDF) 7 Page - International Rectifier

Part # IRH93130
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-204AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH93130 Datasheet(HTML) 7 Page - International Rectifier

  IRH93130 Datasheet HTML 1Page - International Rectifier IRH93130 Datasheet HTML 2Page - International Rectifier IRH93130 Datasheet HTML 3Page - International Rectifier IRH93130 Datasheet HTML 4Page - International Rectifier IRH93130 Datasheet HTML 5Page - International Rectifier IRH93130 Datasheet HTML 6Page - International Rectifier IRH93130 Datasheet HTML 7Page - International Rectifier IRH93130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
Pre-Irradiation
IRH9130
QG
QGS
QGD
VG
Charge
-12 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
25
50
75
100
125
150
0
100
200
300
400
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-4.9A
-7.0A
-11A
R G
IAS
0.01
t p
D.U .T
L
V DS
VDD
DRIV E R
A
15V
-20V
VGS
tp
V (BR)DSS
I AS
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors


Similar Part No. - IRH93130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH93150 IRF-IRH93150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results

Similar Description - IRH93130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7150 IRF-IRH7150 Datasheet
280Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-204)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
IRH7250SE IRF-IRH7250SE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-204AA/AE)
IRH7230 IRF-IRH7230 Datasheet
447Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HORE (TO-204AA/AE)
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com