Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZK7B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HZK7B
Description  Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZK7B Datasheet(HTML) 1 Page - Renesas Technology Corp

  HZK7B Datasheet HTML 1Page - Renesas Technology Corp HZK7B Datasheet HTML 2Page - Renesas Technology Corp HZK7B Datasheet HTML 3Page - Renesas Technology Corp HZK7B Datasheet HTML 4Page - Renesas Technology Corp HZK7B Datasheet HTML 5Page - Renesas Technology Corp HZK7B Datasheet HTML 6Page - Renesas Technology Corp HZK7B Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, May.14.2003, page 1 of 7
HZK Series
Silicon Epitaxial Planar Zener Diodes for
Stabilized Power Supply
REJ03G0018-0300Z
(Previous: ADE-208-126B)
Rev.3.00
May.14.2003
Features
• Low leakage, low zener impedance and maximum power dissipation of 500 mW.
• Wide spectrum from 1.9V through 38V of zener voltage provide flexible application.
• LLD Package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Mark
Package Code
HZK Series
Color Code
LLD
Pin Arrangement
1. Cathode
2. Anode
12
Cathode band
3rd. band
2nd. band
12
Cathode band
3rd. band
2nd. band


Similar Part No. - HZK7B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
HZK7B SEMTECH_ELEC-HZK7B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK7BL HITACHI-HZK7BL Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Renesas Technology Corp
HZK7BL RENESAS-HZK7BL Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
More results

Similar Description - HZK7B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZK-L RENESAS-HZK-L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
1N4728A RENESAS-1N4728A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com