Electronic Components Datasheet Search |
|
M374S6453CTS-L7C Datasheet(PDF) 10 Page - Samsung semiconductor |
|
M374S6453CTS-L7C Datasheet(HTML) 10 Page - Samsung semiconductor |
10 / 11 page PC133/PC100 Unbuffered DIMM M374S6453CTS REV. 0.1 Sept. 2001 Byte#. Function described Function Supported Hex value Note -7C -7A -1H -1L -7C -7A -1H -1L 0 # of bytes written into serial memory at module manufacturer 128bytes 80h 1 Total # of bytes of SPD memory device 256bytes (2K-bit) 08h 2 Fundamental memory type SDRAM 04h 3 # of row address on this assembly 13 0Dh 1 4 # of column address on this assembly 10 0Ah 1 5 # of module Rows on this assembly 2 Row 02h 6 Data width of this assembly 72 bits 48h 7 ...... Data width of this assembly - 00h 8 Voltage interface standard of this assembly LVTTL 01h 9 SDRAM cycle time from clock @CAS latency of 3 7.5ns 7.5ns 10ns 10ns 75h 75h A0h A0h 2 10 SDRAM access time from clock @CAS latency of 3 5.4ns 5.4ns 6ns 6ns 54h 54h 60h 60h 2 11 DIMM configuration type ECC 02h 12 Refresh rate & type 7.8us, support self refresh self 82h 13 Primary SDRAM width x8 08h 14 Error checking SDRAM width x8 08h 15 Minimum clock delay for back-to-back random column tCCD = 1CLK 01h 16 SDRAM device attributes : Burst lengths supported 1, 2, 4, 8 & full page 8Fh 17 SDRAM device attributes : # of banks on SDRAM device 4 banks 04h 18 SDRAM device attributes : CAS latency 2 & 3 06h 19 SDRAM device attributes : CS latency 0 CLK 01h 20 SDRAM device attributes : Write latency 0 CLK 01h 21 SDRAM module attributes Non-buffered/Non-Registered & redundant addressing 00h 22 SDRAM device attributes : General +/- 10% voltage tolerance, Burst Read Single bit Write precharge all, auto precharge 0Eh 23 SDRAM cycle time @CAS latency of 2 7.5ns 10ns 10ns 12ns 75h A0h A0h C0h 2 24 SDRAM access time @CAS latency of 2 5.4ns 6ns 6ns 7ns 54h 60h 60h 70h 2 25 SDRAM cycle time @CAS latency of 1 - 00h 2 26 SDRAM access time @CAS latency of 1 - 00h 2 27 Minimum row precharge time (=tRP) 15ns 20ns 20ns 20ns 0Fh 14h 14h 14h 28 Minimum row active to row active delay (tRRD) 15ns 15ns 20ns 20ns 0Fh 0Fh 14h 14h 29 Minimum RAS to CAS delay (=tRCD) 15ns 20ns 20ns 20ns 0Fh 14h 14h 14h 30 Minimum activate precharge time (=tRAS) 45ns 45ns 50ns 50ns 2Dh 2Dh 32h 32h 31 Module Row density 2 Row of 256MB 40h 32 Command and Address signal input setup time 1.5ns 1.5ns 2ns 2ns 15h 15h 20h 20h 33 Command and Address signal input hold time 0.8ns 0.8ns 1ns 1ns 08h 08h 10h 10h 34 Data signal input setup time 1.5ns 1.5ns 2ns 2ns 15h 15h 20h 20h M374S6453CTS-L7C/L7A/L1H/L1L, C7C/C7A/C1H/C1L • Organization : 64MX64 • Composition : 32MX8 *18 • Used component part # : K4S560832C-TL7C/7A/1H/1L,TC7C/7A/1H/1L • # of rows in module : 2row • # of banks in component : 4 banks • Feature : 1,375 mil height & double sided component • Refresh : 8K/64ms • Contents : |
Similar Part No. - M374S6453CTS-L7C |
|
Similar Description - M374S6453CTS-L7C |