Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2055EUP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2055EUP
Description  RELIABILITY REPORT FOR MAX2055EUP PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2055EUP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2055EUP Datasheet HTML 1Page - Maxim Integrated Products MAX2055EUP Datasheet HTML 2Page - Maxim Integrated Products MAX2055EUP Datasheet HTML 3Page - Maxim Integrated Products MAX2055EUP Datasheet HTML 4Page - Maxim Integrated Products MAX2055EUP Datasheet HTML 5Page - Maxim Integrated Products MAX2055EUP Datasheet HTML 6Page - Maxim Integrated Products MAX2055EUP Datasheet HTML 7Page - Maxim Integrated Products MAX2055EUP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
V. Quality Assurance Information
A. Quality Assurance Contacts: Jim Pedicord
(Manager, Reliability Operations)
Bryan Preeshl
(Executive Director of QA)
Kenneth Huening (Vice President)
B. Outgoing Inspection Level:
0.1% for all electrical parameters guaranteed by the Datasheet.
0.1% For all Visual Defects.
C. Observed Outgoing Defect Rate: < 50 ppm
D. Sampling Plan: Mil-Std-105D
VI. Reliability Evaluation
A. Accelerated Life Test
The results of the 150
°C biased (static) life test are shown in Table 1. Using these results, the Failure Rate
(
λ) is calculated as follows:
λ =
1
=
1.83
(Chi square value for MTTF upper limit)
MTTF
192 x 9823 x 45 x 2
Temperature Acceleration factor assuming an activation energy of 0.8eV
λ = 10.78 x 10-8
λ = 10.78 F.I.T. (60% confidence level @ 25°C)
This low failure rate represents data collected from Maxim’s reliability qualification and monitor programs.
Maxim also performs weekly Burn-In on samples from production to assure reliability of its processes. The reliability
required for lots which receive a burn-in qualification is 59 F.I.T. at a 60% confidence level, which equates to 3 failures
in an 80 piece sample.
Maxim performs failure analysis on rejects from lots exceeding this level.
The Burn-In
Schematic (Spec.# 06-7097) shows the static circuit used for this test.
Maxim also performs 1000 hour life test
monitors quarterly for each process. This data is published in the Product Reliability Reports (RR-1M & RR-B3A).
B. Moisture Resistance Tests
Maxim evaluates pressure pot stress from every assembly process during qualification of each new design.
Pressure Pot testing must pass a 20% LTPD for acceptance. Additionally, industry standard 85
°C/85%RH or HAST
tests are performed quarterly per device/package family.
C. E.S.D. and Latch-Up Testing
The CR17 die type has been found to have all pins able to withstand a transient pulse of +/-200V, per Mil-Std-
883 Method 3015 (reference attached ESD Test Circuit). Latch-Up testing has shown that this device withstands a
current of
±250mA.


Similar Part No. - MAX2055EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2055EUP-T MAXIM-MAX2055EUP-T Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
More results

Similar Description - MAX2055EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6605MXK MAXIM-MAX6605MXK Datasheet
90Kb / 8P
   RELIABILITY REPORT FOR PLASTIC ENCAPSULATED DEVICES
Rev. A June 4, 2002
MAX5026EUT MAXIM-MAX5026EUT Datasheet
93Kb / 8P
   RELIABILITY REPORT FOR MAX5026EUT PLASTIC ENCAPSULATED DEVICES
Rev. A March 12, 2003
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com