Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2648EBT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2648EBT
Description  5GHz to 6GHz Low-Noise Amplifier in 6-Pin UCSP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2648EBT Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX2648EBT Datasheet HTML 1Page - Maxim Integrated Products MAX2648EBT Datasheet HTML 2Page - Maxim Integrated Products MAX2648EBT Datasheet HTML 3Page - Maxim Integrated Products MAX2648EBT Datasheet HTML 4Page - Maxim Integrated Products MAX2648EBT Datasheet HTML 5Page - Maxim Integrated Products MAX2648EBT Datasheet HTML 6Page - Maxim Integrated Products MAX2648EBT Datasheet HTML 7Page - Maxim Integrated Products MAX2648EBT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5GHz to 6GHz Low-Noise Amplifier
in 6-Pin UCSP
6
_______________________________________________________________________________________
S
11
S
21
S
12
S
22
FREQUENCY
(MHZ)
|S
11|
∠ S
11
dB
|S
21|
∠ S
21
|S
12|
∠ S
12
|S
22|
∠ S
22
100
0.830
-12.7
27.1
22.89
171.3
0.004
72.6
0.984
-6.3
500
0.797
-63.4
25.5
18.88
138.8
0.016
46.6
0.837
-27.0
1000
0.774
-101.4
23.0
14.21
113.6
0.023
28.5
0.706
-40.7
1500
0.774
-126.2
20.6
10.76
94.2
0.025
14.3
0.636
-50.9
2000
0.774
-142.5
18.5
8.483
79.9
0.026
0.2
0.599
-59.5
2500
0.779
-153.2
16.7
6.893
67.6
0.023
-5.9
0.578
-69.9
3000
0.788
-162.4
14.9
5.573
57.8
0.025
-7.8
0.528
-78.8
3500
0.794
-170.0
13.7
4.859
49.8
0.023
-11.8
0.516
-83.0
4000
0.798
-176.3
12.6
4.306
40.7
0.024
-16.5
0.535
-88.0
4500
0.800
178.0
11.6
3.810
32.0
0.024
-27.5
0.553
-95.1
4600
0.803
176.6
11.4
3.733
30.2
0.019
-32.5
0.564
-96.5
4700
0.809
175.5
11.1
3.616
27.6
0.018
-29.4
0.565
-97.8
4800
0.802
174.8
11.0
3.550
26.0
0.022
-39.1
0.575
-99.1
4900
0.803
173.7
10.8
3.481
24.5
0.018
-30.3
0.571
-100.1
5000
0.803
172.9
10.6
3.426
22.4
0.019
-35.8
0.580
-102.4
5100
0.806
172.1
10.5
3.361
21.1
0.018
-34.5
0.587
-103.2
5200
0.801
171.0
10.4
3.324
19.8
0.022
-35.9
0.591
-104.9
5300
0.803
170.6
10.1
3.223
17.1
0.017
-42.7
0.603
-106.6
5400
0.804
169.7
10.0
3.174
15.5
0.017
-29.1
0.600
-107.4
5500
0.809
168.4
9.81
3.094
14.1
0.012
-40.4
0.604
-109.4
5600
0.807
167.7
9.69
3.054
12.2
0.014
-34.7
0.612
-110.8
5700
0.813
167.0
9.46
2.974
10.6
0.014
-44.2
0.622
-112.2
5800
0.818
165.9
9.35
2.937
9.1
0.013
-46.2
0.621
-113.6
5900
0.817
165.7
9.11
2.854
6.5
0.011
-46.4
0.630
-115.6
6000
0.813
164.6
8.97
2.811
5.4
0.010
-44.1
0.637
-117.1
Table 1. MAX2648 Typical Device [S] Parameters
(TA = +25°C, VCC = +3.0V, ZS = ZL = 50
Ω, input and output matching network not included).


Similar Part No. - MAX2648EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2648EVKIT MAXIM-MAX2648EVKIT Datasheet
172Kb / 5P
   Evaluation Kit
Rev 1; 10/02
More results

Similar Description - MAX2648EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2374 MAXIM-MAX2374 Datasheet
131Kb / 8P
   SiGe, Variable IIP3, Low-Noise Amplifier in UCSP Package
Rev 0; 6/00
logo
Transcom, Inc.
TA020-060-11-10 TRANSCOM-TA020-060-11-10 Datasheet
72Kb / 2P
   2 ~ 6GHz 10dBm Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2649 MAXIM-MAX2649 Datasheet
154Kb / 7P
   5GHz Low-Noise Amplifier with Shutdown
Rev 1; 8/03
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
logo
Infineon Technologies A...
BGA8U1BN6 INFINEON-BGA8U1BN6 Datasheet
303Kb / 11P
   Low Noise Amplifier for Ultra High Band 4-6GHz
Revision 3.1 2017-09-14
logo
Guerrilla RF, Inc.
GRF2073W GUERRILLA-GRF2073W Datasheet
1Mb / 24P
   Ultra-Low Noise Amplifier 2 to 6 GHz
March 29, 2023
GRF2074W GUERRILLA-GRF2074W Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier 1 to 6 GHz
February 20, 2023
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com