Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29XL12DF-70 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MBM29XL12DF-70
Description  PAGE MODE FLASH MEMORY CMOS 128M BIT
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29XL12DF-70 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MBM29XL12DF-70 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29XL12DF-70 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29XL12DF-70 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29XL12DF-70 Datasheet HTML 10Page - Fujitsu Component Limited. MBM29XL12DF-70 Datasheet HTML 11Page - Fujitsu Component Limited. MBM29XL12DF-70 Datasheet HTML 12Page - Fujitsu Component Limited. MBM29XL12DF-70 Datasheet HTML 13Page - Fujitsu Component Limited. MBM29XL12DF-70 Datasheet HTML 14Page - Fujitsu Component Limited. MBM29XL12DF-70 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
MBM29XL12DF-70/80
10
MBM29XL12DF User Bus Operations Table (DW/W = VIH)
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See "sDC CHARACTERISTICS" for voltage levels.
*1 : Manufacturer and device codes may also be accessed via a command register write sequence.
See "MBM29XL12DF Command Definitions Table".
*2 : Refer to section on "Sector Group Protection".
*3 : WE can be VIL if OE is VIL, OE at VIH initiates the program and erase operations.
*4 : VCC = 3.0 V to 3.6 V for 70 ns random access time
VCC = 2.7 V to 3.1 V for 80 ns random access time
*5 : Protects “outermost” 2
× 4K words on both end of the boot block sectors. (SA0, SA1, SA268, and SA269)
*6 : Also used for "Extended Sector Group Protection".
Operation
CE OE WE
WP
A0
A1
A2
A3
A4
A5
A6
A9
DQ31 to
DQ0
RESET
Autoselect Manufacturer
Code *1
LL
H
X
LLLL
X
X
L
VID
Code
H
Autoselect Device Code *1
LL
H
X
H
LLL
X
X
L
VID
Code
H
Extended Autoselect Device
Code *1
LL
H
X
L
H
H
H
X
X
L
VID
Code
H
L
L
H
X
HHHH
X
X
L
VID
Code
H
Read *3
LL
H
X
A0
A1
A2
A3
A4
A5
A6
A9
DOUT
H
Standby
H
X
X
X
XXXXXXXX
High-Z
H
Output Disable
L
H
H
X
XXXXXXXX
High-Z
H
Write (Program/Erase)
L
H
L
X
A0
A1
A2
A3
A4
A5
A6
A9
DIN
H
Enable Sector Group
Protection *2,*4
LVID
X
L
H
L
HHH
L
VID
XH
Verify Sector Group
Protection *2, *4
L
L
H
H
L
H
L
HHH
L
VID
Code
H
Boot Block Sector Write
Protection *5
XXX
L
XXXXXXXX
X
H
Temporary Sector Group
Unprotection *6
XXX
H
XXXXXXXX
X
VID
Reset
XXX
X
XXXXXXXX
High-Z
L


Similar Part No. - MBM29XL12DF-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29BS12DH15 SPANSION-MBM29BS12DH15 Datasheet
1Mb / 84P
   BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
MBM29BS12DH15PBT SPANSION-MBM29BS12DH15PBT Datasheet
1Mb / 84P
   BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
MBM29BS32LF18 SPANSION-MBM29BS32LF18 Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
MBM29BS32LF18PBT SPANSION-MBM29BS32LF18PBT Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
MBM29BS32LF25PBT SPANSION-MBM29BS32LF25PBT Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
More results

Similar Description - MBM29XL12DF-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
logo
List of Unclassifed Man...
MX28F128J3 ETC1-MX28F128J3 Datasheet
35Kb / 6P
   128M [x8/x16] SINGLE 3V PAGE MODE FLASH MEMORY
logo
SPANSION
MBM29BS12DH15 SPANSION-MBM29BS12DH15 Datasheet
1Mb / 84P
   BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
logo
AiT Semiconductor Inc.
A25Q128 AITSEMI-A25Q128 Datasheet
1Mb / 58P
   MEMORY SPI NOR FLASH 128M BIT
REV1.0
logo
Macronix International
MX23L12810A MCNIX-MX23L12810A Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
logo
Samsung semiconductor
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com