Electronic Components Datasheet Search |
|
MIC918BM5 Datasheet(PDF) 3 Page - Micrel Semiconductor |
|
MIC918BM5 Datasheet(HTML) 3 Page - Micrel Semiconductor |
3 / 7 page October 2001 3 MIC918 MIC918 Micrel Symbol Parameter Condition Min Typ Max Units A VOL Large-Signal Voltage Gain R L = 2k, VOUT = ±2V 75 84 dB R L = 100Ω, VOUT = ±1V 93 dB V OUT Maximum Output Voltage Swing positive, R L = 2kΩ 6.5 7.5 V negative, R L = 2kΩ –7.5 –6.2 V GBW Unity Gain-Bandwidth Product R L = 1kΩ 51 MHz PM Phase Margin 55 ° BW –3dB Bandwidth A V = 2, RL = 470Ω 109 MHz SR Slew Rate C=1.7pF, Gain=1, V OUT=5V, peak to peak, 1500 V/ µs positive SR = 450V/ µs I SC Short-Circuit Output Current source 50 65 mA sink 30 50 mA I S Supply Current No Load 0.55 0.8 mA Input Voltage Noise f = 10kHz 10 nV/ √Hz Input Current Noise f = 10kHz 0.8 pA/ √Hz Note 1. Exceeding the absolute maximum rating may damage the device. Note 2. The device is not guaranteed to function outside its operating rating. Note 3. Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is likely to change). Note 4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Note 5. Output swing limited by the maximum output sink capability, refer to the short-circuit current vs. temperature graph in “Typical Characteristics.” |
Similar Part No. - MIC918BM5 |
|
Similar Description - MIC918BM5 |