Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS432EF3VSM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS432EF3VSM
Description  1.24V Precision Adjustable Shunt Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS432EF3VSM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS432EF3VSM Datasheet HTML 1Page - List of Unclassifed Manufacturers AS432EF3VSM Datasheet HTML 2Page - List of Unclassifed Manufacturers AS432EF3VSM Datasheet HTML 3Page - List of Unclassifed Manufacturers AS432EF3VSM Datasheet HTML 4Page - List of Unclassifed Manufacturers AS432EF3VSM Datasheet HTML 5Page - List of Unclassifed Manufacturers AS432EF3VSM Datasheet HTML 6Page - List of Unclassifed Manufacturers AS432EF3VSM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
30
www.ptcc.com.tw
AS432
1.24V Precision Adjustable Shunt Reference
–60
–30
0
30
T
A – Ambient Temperature (°C)
60
90
120
2.4
2.3
2.2
2.1
2.0
Reference Input Current
R1 = 10 k
R2 =
I
K = 10 mA
0
369
12
15
18
–40
°C
25
°C
75
°C
125
°C
V
KA – Cathode Voltage (V)
0
–10
–20
–30
–40
–50
Reference Voltage Line Regulation
I
K = 10 mA
Temperature Range: –55 to 125
°C
10
100
1 k
10 k
100 k
f – Frequency (Hz)
70
60
50
40
30
20
10
0
Noise Voltage
V
KA = VREF
I
K = 10 mA
T
A = 25°C
–60
–30
0
30
T
A – Free Air Temperature (°C)
60
90
120
40
30
20
10
0
Low Frequency Dynamic Output Impedance
V
KA = VREF
V
KA = 1 to 100 mA
f
≤ 1kHz
Typical Performance Curves
Figure 6
Figure 7
Figure 8
Figure 9


Similar Part No. - AS432EF3VSM

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS431 ALPHA-AS431 Datasheet
359Kb / 7P
   Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Diodes Incorporated
AS431 DIODES-AS431 Datasheet
416Kb / 19P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AS431 DIODES-AS431 Datasheet
558Kb / 20P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431AK BCDSEMI-AS431AK Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AS432EF3VSM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041_04 Datasheet
115Kb / 9P
   Precision 1.24V Shunt Voltage Reference
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com