Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G6B
Description  Sub-miniature Relay that Switches up to 5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G6B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G6B Datasheet HTML 1Page - List of Unclassifed Manufacturers G6B Datasheet HTML 2Page - List of Unclassifed Manufacturers G6B Datasheet HTML 3Page - List of Unclassifed Manufacturers G6B Datasheet HTML 4Page - List of Unclassifed Manufacturers G6B Datasheet HTML 5Page - List of Unclassifed Manufacturers G6B Datasheet HTML 6Page - List of Unclassifed Manufacturers G6B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
64
PCB Power Relay – G6B
Model Number Legend
Ordering Information
Sub-miniature Relay that Switches
up to 5 A
Sub-miniature: 20 x 10 x 10 mm (L x W x H).
Low power consumption: 200 mW.
Unique moving loop armature reduces relay
size, magnetic interference, and contact
bounce time.
Single- and double-winding latching types
also available.
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G6B-1114P-US 12 VDC
1. Relay Function
None: Single-side stable
U:
Single-winding latching
K:
Double-winding latching
2. Contact Form
21:
SPST-NO + SPST-NC
22:
DPST-NO
20:
DPST-NC
11:
SPST-NO
3. Contact Type
1: Standard
7: High-capacity
4. Enclosure Ratings
4: Fully sealed
5. Terminals
P: Straight PCB
C: Self-clinching PCB
6. Approved Standards
US: UL/CSA certified
7. Rated Coil Voltage
5, 6, 12, 24 VDC
G6B
-
-
VDC
12 34 5
67
Classification
Contact form
Straight PCB
Self-clinching PCB
Single-side stable
SPST-NO
G6B-1114P-US
G6B-1114C-US
SPST-NO+SPST-NC
G6B-2114P-US
G6B-2114C-US
DPST-NO
G6B-2214P-US
G6B-2214C-US
DPST-NC
G6B-2014P-US
G6B-2014C-US
Single-winding latching
SPST-NO
G6BU-1114P-US
G6BU-1114C-US
Double-winding latching
SPST-NO
G6BK-1114P-US
G6BK-1114C-US
High-capacity single-side stable SPST-NO
G6B-1174P-US
G6B-1174C-US
Accessories (Order Separately)
Back Connecting Sockets
Applicable relay
Back connecting socket*
G6B(U)-1114P-US
P6B-04P
G6BK-1114P-US
P6B-06P
G6B-2114P-US
P6B-26P
G6B-1174P-US
P6B-04P
*Not applicable to the self-clinching type.
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
R
C+


Similar Part No. - G6B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B OMRON-G6B Datasheet
611Kb / 10P
   Power PCB Relay
logo
Gulf Semiconductor
G6B GULFSEMI-G6B Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6B OMRON-G6B Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
G6B-1114C-US OMRON-G6B-1114C-US Datasheet
611Kb / 10P
   Power PCB Relay
G6B-1114C-US OMRON-G6B-1114C-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
More results

Similar Description - G6B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
P6B-06P OMRON-P6B-06P Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
   Sub-miniature Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com