Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB38P55 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB38P55
Description  Slotted Op ti cal Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB38P55 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB38P55 Datasheet HTML 1Page - OPTEK Technologies OPB38P55 Datasheet HTML 2Page - OPTEK Technologies OPB38P55 Datasheet HTML 3Page - OPTEK Technologies OPB38P55 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NUMBER GUIDE
OPB 3 X X X X X
Optek Assembly
Aperture Width In Front
of Sensor
5 = 0.050" 1 = 0.010"
Phototransistor Output
Aperture Width In Front
Family
of Emitter
5 = 0.050" 1= 0.010"
Discrete Shell Material
Mounting Configurations
Designation
8 - Base Mount IR Transmissive
T -Both Mounting Tabs
Plastic Discrete Shell
N - No Mounting Tabs
With Wire Termination
L - Single Mounting Tab
Emitter Side
9 - Base Mount Opaque
P - Single Mounting Tab
Plastic Discrete Shell
Phototransistor Side
With Wire Termination
Types OPB380, OPB390 Series
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
12-13
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.7
V
IF = 20 mA
IR
Reverse Current
100
µA
VR = 2 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
V
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.0
V
IE = 100
µA
ICEO
Collector-Emitter Dark Curreent
100
nA
VCE = 10 V, IF = 0, Ee = 0
Coupled
IC(ON)
On-State Collector Current
OPB380T, N, L, P55
OPB390T, N, L, P55
3.5
14.0
mA
VCE = 0.4 V, IF = 20 mA
OPB380T, N, L, P51
OPB390T, N, L, P51
2.5
10.0
mA
VCE = 0.4 V, IF = 20 mA
OPB380T, N, L, P11
OPB390T, N, L, P11
1.0
5.0
mA
VCE = 0.4 V, IF = 20 mA


Similar Part No. - OPB38P55

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB380 OPTEK-OPB380 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
TT Electronics.
OPB380 TTELEC-OPB380 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB380 ETC-OPB380 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB380 ETC-OPB380 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB380 ETC2-OPB380 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB38P55

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB360 OPTEK-OPB360 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
OPB821TX OPTEK-OPB821TX Datasheet
141Kb / 2P
   Hi- Rel Slot ted Op ti cal Switches
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
   Slotted Op tical Switches
OPB815L OPTEK-OPB815L Datasheet
367Kb / 2P
   Deep Gap Slot ted Op ti cal Switch
OPB917B OPTEK-OPB917B Datasheet
158Kb / 3P
   Photologic창 Slotted Op tical Switches Type OPB917 Series
OPB816 OPTEK-OPB816 Datasheet
47Kb / 2P
   Slotted Op tical Switch
OPB817 OPTEK-OPB817 Datasheet
107Kb / 2P
   Slotted Op tical Switch
OPB819 OPTEK-OPB819 Datasheet
102Kb / 2P
   Slotted Op tical Switch
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
   Slotted Optical Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com