Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S4531 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-S4531
Description  STANDARD LED LAMPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-S4531 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-S4531 Datasheet HTML 1Page - Yellow Stone Corp BL-S4531 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p
(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-C1131A
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-C5131A
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-C4531A
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-C2131A
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
6.0
BL-CX1131A
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.0
BL-C3131A
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.0
1.0" Lead
Cylindrical
5.0
BL-C4131A
GaAsP/GaP/ Orange
635
Orange Diffused
45
100
30
150 2.0 2.6
6.0
140
L-113
BL-C1131A-1
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.5
BL-C5131A-1 GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.8
BL-C4531A-1 GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
5.0
BL-C2131A-1 GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
5.0
BL-CX1131A-1 GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
7.0
BL-C3131A-1 GaAsP/ GaP Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
4.0
1.0" Lead
Cylindrical
5.0
BL-C4131A-1 GaAsP/GaP/ Orange
635
Orange Diffused
45
100
30
150 2.0 2.6
5.0
150
L-114
BL-C1132
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
2.0
BL-C5132
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
3.0
BL-C4532
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
9.0
BL-C2132
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
9.0
BL-CX1132
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6 12.0
BL-C3132
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
8.0
1.0" Lead
Cylindrical
3.0
BL-C4132
GaAsP/GaP/ Orange
635
Orange Diffused
45
100
30
150 2.0 2.6
9.0
130
L-115
BL-C1435
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
3.0
BL-C5435
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
5.0
BL-C4635
GaAsP/GaP/ Hi-Eff Red
635
Red Trans
45
80
30
150 2.0 2.6 15.0
BL-C2435
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 15.0
BL-CX1435
GaP/GaP/ Hi-Eff Green
568
Green Trans
30
80
30
150 2.2 2.6 18.0
BL-C3435
GaAsP/GaP/ Yellow
585
Yellow Trans
35
80
30
150 2.1 2.6 12.0
1.0" Lead
Cylindrical
3.0
BL-C4435
GaAsP/GaP/ Orange
635
Orange Trans
45
100
30
150 2.0 2.6 15.0
120
L-116
BL-C1436
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
3.0
BL-C5436
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
5.0
BL-C4636
GaAsP/GaP/ Hi-Eff Red
635
Red Trans
45
80
30
150 2.0 2.6 14.0
BL-C2436
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 14.0
BL-CX1436
GaP/GaP/ Hi-Eff Green
568
Green Trans
30
80
30
150 2.2 2.6 16.0
BL-C3436
GaAsP/GaP/ Yellow
585
Yellow Trans
35
80
30
150 2.1 2.6 13.0
1.0" Lead
Cylindrical
5.0
BL-C4436
GaAsP/GaP/ Orange
635
Orange Trans
45
100
30
150 2.0 2.6 14.0
120
L-117
BL-C1336M
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
3.0
BL-C5336M
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
5.0
BL-C4336M
GaAsP/GaP/ Hi-Eff Red
635
45
80
30
150 2.0 2.6 14.0
BL-C2336M
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 14.0
BL-CX1336M GaP/GaP/ Hi-Eff Green
568
30
80
30
150 2.2 2.6 16.0
BL-C3336M
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1 2.6 13.0
1.0" Lead
Cylindrical
5.0
BL-C9336M
GaP/GaP/ Pure Green
555
Water Clear
30
80
30
150 2.2 2.6
1.2
20
L-118
BL-C1137-T
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
1.0
BL-C5137-T
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
2.0
BL-C4537-T
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
9.0
BL-C2137-T
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
9.0
BL-CX1137-T GaP/GaP/ Hi-Eff Green
568
30
80
30
150 2.2 2.6 12.0
1.0" Lead
Cylindrical
5.0
BL-C3137-T
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
8.0
120
L-119
BL-S1131
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.8
BL-S5131
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.2
BL-S4531
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-S2131
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
6.0
Panel Dot
1.0" Lead
1.75
BL-S3131
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
4.0
75
L-120
Remark
1.Hi-Eff Red / High-Efficiency Red.
2.Trans / Transparent.
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-S4531

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-S4531 YSTONE-BL-S4531 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-S4531 BRIGHT-BL-S4531 Datasheet
139Kb / 2P
   GaAsP/GaP Hi-Eff Red Low power consumption.
More results

Similar Description - BL-S4531

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-S1132 YSTONE-BL-S1132 Datasheet
659Kb / 2P
   STANDARD LED LAMPS
BL-B1131N YSTONE-BL-B1131N Datasheet
1Mb / 2P
   STANDARD LED LAMPS
BL-B1137 YSTONE-BL-B1137 Datasheet
653Kb / 2P
   STANDARD LED LAMPS
BL-HH035 YSTONE-BL-HH035 Datasheet
117Kb / 1P
   STANDARD CHIP LED LAMPS
logo
Purdy Electronics Corpo...
AND114G PURDY-AND114G Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND218YPA PURDY-AND218YPA Datasheet
45Kb / 2P
   Standard Bright LED Lamps
AND113G-GP PURDY-AND113G-GP Datasheet
88Kb / 2P
   Standard Bright LED LAMPS
AND114G-GP PURDY-AND114G-GP Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND820HW PURDY-AND820HW Datasheet
377Kb / 2P
   Standard Bright LED Lamps
AND113Y PURDY-AND113Y Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com