Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW5329 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GW5329
Description  GW5329
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GW5329 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GW5329 Datasheet HTML 1Page - List of Unclassifed Manufacturers GW5329 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SAW Filter
GW5329
5.Performance
5-1.Maximum Rating
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12V
VDC
Storage Temperature
-40 to +85
5-2.Electronic Characteristics
Characteristic
Min.
Typ.
Max.
Units
Center Frequency
fc
(center frequency between 3dB points)
429.82
MHz
Insertion Loss
IL
--
3.5
5.0
dB
3dB Passband
BW3
600
kHz
at fc -21.4MHz(Image)
40
50
--
at fc -10.7MHz(LO)
15
30
--
Rejection
Ultimate
--
80
--
dB
Operating Case Temperature
Tc
-35
+85
Turnover Temperature
To
24
39
54
Turnover Frequency
fo
fc
MHz
Temperature
Frequency Temperature Coefficient
FTC
0.032
ppm/
2
Frequency Aging Absolute Value during the First Year
|fA|
10
ppm/yr
NOTES:
1. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50 ohms
test system with VSWR
1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that
insertion loss and bandwidth and passband shape are dependent on the impedance matching component values and quality.
2. The frequency fc is defined as the midpoint between the 3dB frequencies.
3. Where noted specifications apply over the entire specified operating temperature range.
4. The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature,
Tc, may be calculated from:f=fo[1-FTC (To-Tc)
2].
5. Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged
temperatures above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6. The design, manufacturing process, and specifications of this device are subject to change without notice.
7. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
Address:NO.120 Bldg,Jindi Industrial Estate,Futian District,Shenzhen,China. Tel:(86)755-26161582 Fax:(86)755-755-26160182 E-mail:guanwi@guanwi.com
GW


Similar Part No. - GW5329

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GW502 ETC-GW502 Datasheet
1Mb / 2P
   Communication Gateway for Netcon 500 Outstation
logo
EUROQUARTZ limited
GW576 EUROQUARTZ-GW576 Datasheet
227Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
logo
Mercury United Electron...
GW576 MERCURY-GW576 Datasheet
104Kb / 1P
   SMD CMOS output 6 pads
logo
Taoglas antenna solutio...
GW593153 TAOGLAS-GW593153 Datasheet
1Mb / 16P
   2.4GHz/5.1~5.85GHz 3dBi Screw mount Dipole Antenna
logo
Sharp Corporation
GW5BNF15L10 SHARP-GW5BNF15L10 Datasheet
298Kb / 13P
   ELECTRONIC COMPONENTS AND DEVICES GROUP SHARP CORPORATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com