Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA132K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA132K
Description  Silicon epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA132K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA132K Datasheet HTML 1Page - Panasonic Semiconductor MA132K Datasheet HTML 2Page - Panasonic Semiconductor MA132K Datasheet HTML 3Page - Panasonic Semiconductor MA132K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Switching Diodes
1
Publication date: March 2004
SKF00023BED
Note) *:t = 1 s
MA3S132A (MA132A), MA3S132K (MA132K)
Silicon epitaxial planar type
For switching circuits
■ Features
• Short reverse recovery time t
rr
• Small terminal capacitance C
t
• Allowing high-density mounting
■ Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
80
V
Maximum peak reverse voltage
VRM
80
V
Forward current
IF
100
mA
Peak forward current
IFM
225
mA
Non-repetitive peak forward
IFSM
500
mA
surge current *
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 100 mA
1.2
V
Reverse voltage
VR
IR
= 100 µA80
V
Reverse current
IR
VR
= 75 V
100
nA
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
2
pF
Reverse recovery time *
trr
IF
= 10 mA, V
R
= 6 V
3
ns
Irr
= 0.1 I
R , RL
= 100 Ω
■ Electrical Characteristics T
a = 25°C ± 3°C
Bias Application Unit (N-50BU)
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 IR
t
r
t
p
t
rr
V
R
I
F
t
t
A
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 100 MHz.
3. *: trr measurement circuit
Note) The part numbers in the parenthesis show conventional part number.
Marking Symbol:
• MA3S132A: MB • MA3S132K: MI
Internal Connection
12
3
12
3
EIAJ: SC-81
SSMini3-F2 Package
MA3S132A MA3S132K
1 Cathode
Anode
2 N.C.
N.C.
3 Anode
Cathode
0.28±0.05
3
12
0.28±0.05
(0.80)
1.60
+0.05
–0.03
0.12
+0.05
–0.02
0.60
+0.05
–0.03
(0.80)
(0.51)
(0.51)
A
K


Similar Part No. - MA132K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA132K PANASONIC-MA132K Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA132K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com