Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L88M33T Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # L88M33T
Description  3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L88M33T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  L88M33T Datasheet HTML 1Page - Sanyo Semicon Device L88M33T Datasheet HTML 2Page - Sanyo Semicon Device L88M33T Datasheet HTML 3Page - Sanyo Semicon Device L88M33T Datasheet HTML 4Page - Sanyo Semicon Device L88M33T Datasheet HTML 5Page - Sanyo Semicon Device L88M33T Datasheet HTML 6Page - Sanyo Semicon Device L88M33T Datasheet HTML 7Page - Sanyo Semicon Device L88M33T Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3.3 to 12 V, 0.5 A Low Dropout
Voltage Regulator
Overview
The L88M00T Series are low dropout voltage regulator ICs
with output current of 0.5 A. Because they can operate with a
low input-output voltage difference, they contribute to smaller
and more efficient set power supplies, and are optimum for
audio-visual and office automation equipment.
Functions and Features
.
Output voltage
L88M33T: 3.3 V
L88M05T: 5 V
L88M09T: 9 V
L88M12T: 12 V
.
500 mA output current
.
Low minimum input-output voltage differential (0.4 V typ)
enables to save energy and miniaturize transformer size.
.
Set size can be miniaturized with compact TP-3H power
package.
.
Surface mounting on board permits allowable power
dissipation to be raised.
.
Enhanced mount flexibility with range of formed products.
Package Dimensions
unit : mm
3103-TP-3H
[L88M00T Series]
SANYO : TP-3H
Specifications
Maximum Ratings at Ta = 25°C (common to L88M00T series)
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN max
18
V
Allowable power dissipation
Pd max
Ta
% 25°C, no heat sink
1
W
Tc = 25°C, with infinite heat sink
6.25
W
Thermal resistance (junction-atmosphere)
θj-a
125
°C/W
Thermal resistance (junction-to-case)
θj-c
20
°C/W
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
Ordering number: EN5839
Monolithic Linear IC
L88M00T Series
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D3098HA(II) No.5839-1/8


Similar Part No. - L88M33T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L88M00T SANYO-L88M00T Datasheet
229Kb / 8P
   3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator
L88M00T SANYO-L88M00T_09 Datasheet
229Kb / 8P
   3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator
logo
ON Semiconductor
L88M05T ONSEMI-L88M05T Datasheet
489Kb / 8P
   17V, 5V / 0.5A Low Dropout Voltage Regulator
February, 2014
L88M05T-E ONSEMI-L88M05T-E Datasheet
489Kb / 8P
   17V, 5V / 0.5A Low Dropout Voltage Regulator
February, 2014
L88M05T-TL-E ONSEMI-L88M05T-TL-E Datasheet
489Kb / 8P
   17V, 5V / 0.5A Low Dropout Voltage Regulator
February, 2014
More results

Similar Description - L88M33T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L88M00T SANYO-L88M00T_09 Datasheet
229Kb / 8P
   3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
   3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
L88MS00T SANYO-L88MS00T Datasheet
186Kb / 11P
   4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
L88MS00T SANYO-L88MS00T_10 Datasheet
241Kb / 11P
   4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
logo
List of Unclassifed Man...
G901 ETC-G901 Datasheet
155Kb / 5P
   3.3 V 300MA LOW DROPOUT REGULATOR
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
NXP Semiconductors
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com