Electronic Components Datasheet Search |
|
HCPL-2611S Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
HCPL-2611S Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 12 page 3 www.fairchildsemi.com Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3 Electrical Characteristics (TA = 0 to 70°C Unless otherwise specified) Individual Component Characteristics Switching Characteristics (TA = -40°C to +85°C, VCC = 5 V, IF = 7.5 mA Unless otherwise specified) Parameter Test Conditions Symbol Min Typ** Max Unit EMITTER (IF = 10mA) VF 1.8 V Input Forward Voltage TA = 25°C 1.4 1.75 Input Reverse Breakdown Voltage (IR = 10µA) BVR 5.0 V Input Capacitance (VF = 0, f = 1 MHz) CIN 60 pF Input Diode Temperature Coefficient (IF = 10mA) ∆VF/∆TA -1.4 mV/°C DETECTOR High Level Supply Current Single Channel (VCC = 5.5 V, IF = 0 mA) ICCH 710 mA Dual Channel (VE = 0.5V) 10 15 Low Level Supply Current Single Channel (VCC = 5.5 V, IF = 10 mA) ICCL 913 mA Dual Channel (VE = 0.5V) 14 21 Low Level Enable Current (VCC = 5.5 V, VE = 0.5V) IEL -0.8 -1.6 mA High Level Enable Current (VCC = 5.5 V, VE = 2.0V) IEH -0.6 -1.6 mA High Level Enable Voltage (VCC = 5.5 V, IF = 10 mA) VEH 2.0 V Low Level Enable Voltage (VCC = 5.5 V, IF = 10 mA)(Note 3) VEL 0.8 V AC Characteristics Test Conditions Symbol Min Typ** Max Unit Propagation Delay Time to Output High Level (Note 4) (TA = 25°C) TPLH 20 45 75 ns (RL = 350Ω, CL = 15 pF) (Fig. 12) 100 Propagation Delay Time to Output Low Level (Note 5) (TA = 25°C) TPHL 25 45 75 ns (RL = 350Ω, CL = 15 pF) (Fig. 12) 100 Pulse Width Distortion (RL = 350Ω, CL = 15 pF) (Fig. 12) |TPHL- TPLH| 335 ns Output Rise Time (10-90%) (RL = 350Ω, CL = 15 pF) (Note 6) (Fig. 12) tr 50 ns Output Rise Time (90-10%) (RL = 350Ω, CL = 15 pF) (Note 7) (Fig. 12) tf 12 ns Enable Propagation Delay Time to Output High Level (IF = 7.5 mA, VEH = 3.5 V) (RL = 350Ω, CL = 15 pF) (Note 8) (Fig. 13) tELH 20 ns Enable Propagation Delay Time to Output Low Level (IF = 7.5 mA, VEH = 3.5 V) (RL = 350Ω, CL = 15 pF) (Note 9) (Fig. 13) tEHL 20 ns Common Mode Transient Immunity (at Output High Level) (TA = 25°C) |VCM| = 50V, (Peak) (IF = 0 mA, VOH (Min.) = 2.0V) |CMH| V/µs 6N137, HCPL-2630 HCPL-2601, HCPL-2631 (RL = 350Ω) (Note 10) (Fig. 14) 5000 10,000 10,000 HCPL-2611 |VCM| = 400V 10,000 15,000 Common Mode Transient Immunity (at Output Low Level) (RL = 350Ω) (IF = 7.5 mA, VOL (Max.) = 0.8V |CML| 10,000 V/µs 6N137, HCPL-2630 |VCM| = 50V (Peak) HCPL-2601, HCPL-2631 (TA = 25°C)(Note 11)(Fig. 14) 5000 10,000 HCPL-2611(TA = 25°C) |VCM| = 400V 10,000 15,000 |
Similar Part No. - HCPL-2611S |
|
Similar Description - HCPL-2611S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |