Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL65D6SA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QL65D6SA
Description  InGaAlP Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL65D6SA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QL65D6SA Datasheet HTML 1Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 2Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 3Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 4Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 5Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 6Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
♦EXAMPLE of REPRESENTATIVE CHARACTERISTICS
Optical Output Power vs. Foward Current
0
1
2
3
4
5
0
10203040
5060708090
100
Forward Current IF [mA]
Wavelength vs. Temperature
650
655
660
665
670
675
680
10
20
30
40
50
60
70
Temperature, Tc [`C]
Far Field Pattern
0
0.2
0.4
0.6
0.8
1
-50
-40
-30
-20
-10
0
10
20
30
40
50
Angle [deg]
25℃
30℃
40℃
50℃
60℃


Similar Part No. - QL65D6SA

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL65D6SA ROITHNER-QL65D6SA Datasheet
173Kb / 3P
   red laser diode
More results

Similar Description - QL65D6SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL63D5SA ETC2-QL63D5SA Datasheet
30Kb / 3P
   InGaAlP Laser Diode
QL65F6SA ETC1-QL65F6SA Datasheet
45Kb / 3P
   InGaAlP Laser Diode
QL63F5SA ETC2-QL63F5SA Datasheet
33Kb / 3P
   InGaAlP Laser Diode
QL65D5SA ETC1-QL65D5SA Datasheet
32Kb / 3P
   InGaAlP Laser Diode
logo
Roithner LaserTechnik G...
QL67D6SA ROITHNER-QL67D6SA Datasheet
143Kb / 3P
   InGaAlP Laser Diode
logo
KODENSHI_AUK CORP.
KLB-520O KODENSHI-KLB-520O Datasheet
148Kb / 2P
   Light Emitting Diode(InGaAlP)
KLB-520R KODENSHI-KLB-520R Datasheet
155Kb / 2P
   Light Emitting Diode(InGaAlP)
KLL-5ER KODENSHI-KLL-5ER Datasheet
155Kb / 2P
   Light Emitting Diode(InGaAlP)
KLB-16AYG KODENSHI-KLB-16AYG Datasheet
125Kb / 2P
   Light Emitting Diode(InGaAlP)
KLB-320O KODENSHI-KLB-320O Datasheet
145Kb / 2P
   Light Emitting Diode(InGaAlP)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com