Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-14E4TC Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HFBR-14E4TC
Description  Components is Designed to Provide cost effective, High performance fiber optic communication links
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-14E4TC Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFBR-14E4TC Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-14E4TC Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-14E4TC Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-14E4TC Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-14E4TC Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-14E4TC Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-14E4TC Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-14E4TC Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-14E4TC Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Typical Link Data
HFBR-0400 Series
Description
The following technical data is
taken from 4 popular links using
the HFBR-0400 series: the 5
MBd link, Ethernet 20 MBd link,
Token Ring 32 MBd link, and the
corresponds to transceiver
solutions combining the HFBR-
0400 series components and
various recommended
transceiver design circuits using
off-the-shelf electrical
components. This data is meant
to be regarded as an example of
typical link performance for a
given design and does not call
out any link limitations. Please
refer to the appropriate
application note given for each
link to obtain more information.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Reference
Optical Power Budget
with 50/125 µm fiber
OPB50
4.2
9.6
dB
HFBR-14x4/24x2
NA = 0.2
Note 1
Optical Power Budget
with 62.5/125 µm fiber
OPB62.5
8.0
15
dB
HFBR-14x4/24x2
NA = 0.27
Note 1
Optical Power Budget
with 100/140 µm fiber
OPB100
8.0
15
dB
HFBR-14x2/24x2
NA = 0.30
Note 1
Optical Power Budget
with 200 µm fiber
OPB200
12
20
dB
HFBR-14x2/24x2
NA = 0.37
Note 1
Date Rate Synchronous
dc
5
MBd
Note 2
Asynchronous
dc
2.5
MBd
Note 3,
Fig 7
Propagation Delay
LOW to HIGH
tPLH
72
ns
TA = +25 °C
PR = -21 dBm peak
Fiber cable length = 1 m
Figs 6, 7, 8
Propagation Delay
HIGH to LOW
tPHL
46
ns
System Pulse Width
Distortion
tPLH - tPHL
26
ns
Bit Error Rate
BER
10-9
Data rate <5 Bd
PR > -24 dBm peak
Notes:
1. OPB at TA = -40 to +85 °C, VCC = 5.0 V dc, IF ON = 60 mA. PR = -24 dBm peak.
2. Synchronous data rate limit is based on these assumptions: a) 50% duty factor modulation, e.g., Manchester I or BiPhase Manchester II; b)
continuous data; c) PLL Phase Lock Loop demodulation; d) TTL threshold.
3. Asynchronous data rate limit is based on these assumptions: a) NRZ data; b) arbitrary timing-no duty factor restriction; c) TTL threshold.
5 MBd Link (HFBR-14xx/24x2)
Link Performance -40 °C to +85 °C unless otherwise specified


Similar Part No. - HFBR-14E4TC

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14E4TZ BOARDCOM-HFBR-14E4TZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-14E4TC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com