Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5432128 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5432128
Description  131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5432128 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5432128 Datasheet HTML 2Page - OKI electronic componets MSM5432128 Datasheet HTML 3Page - OKI electronic componets MSM5432128 Datasheet HTML 4Page - OKI electronic componets MSM5432128 Datasheet HTML 5Page - OKI electronic componets MSM5432128 Datasheet HTML 6Page - OKI electronic componets MSM5432128 Datasheet HTML 7Page - OKI electronic componets MSM5432128 Datasheet HTML 8Page - OKI electronic componets MSM5432128 Datasheet HTML 9Page - OKI electronic componets MSM5432128 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/24
¡ Semiconductor
MSM5432126/8
AC Characteristics (1/2)
Parameter
Symbol
Note
Unit
tRC
tPRWC
tAA
tCAC
tCPA
tRASP
tCAS
tRCD
Max.
Min.
Max.
Min.
MSM5432126/8
-60
MSM5432126/8
-50
tHPC
tRAC
tREZ
tRSH
tCSH
tT
tRP
tRAS
tRAD
tASR
tRAH
tASC
tCAH
tAR
tRCS
tRCH
tRRH
tWCS
tWCH
tRWC
tRAL
tCRP
tCP
Access Time from Column Address
Column Address Hold Time referenced to RAS
Column Address Set-up Time
Row Address Set-up Time
Access Time from CAS
Column Address Hold Time
CAS Pulse Width
CAS Precharge Time (Hyper Page Mode)
Access Time from CAS Precharge
CAS to RAS Precharge Time
CAS Hold Time
Output Buffer Turn-off Delay Time from RAS
Fast Page Mode Cycle Time
Fast Page Mode Read-Modify-Write Cycle Time
Row Address Hold Time
RAS Pulse Width (Hyper Page Mode Only)
Random Read or Write Cycle Time
RAS to CAS Delay Time
Read Command Hold Time
Read Command Set-up Time
Read Modify Write Cycle
RAS Precharge Time
Read Command Hold Time referenced to RAS
Access Time from RAS
RAS to Column Address Delay Time
Column Address to RAS Lead Time
RAS Pulse Width
RAS Hold Time
Transition Time (Rise and Fall)
Write Command Set-up Time
Write Command Hold Time
ns
130
110
ns
30
25
ns
18
15
ns
35
30
ns
35
3
35
3
ns
100k
60
100k
50
ns
80
70
ns
10k
9
10k
8
9
20
20
ns
24
22
ns
60
50
5
ns
20
3
20
3
ns
64
54
ns
14
14
ns
60
50
ns
10k
60
10k
50
10
15
15
0
0
9
7
0
0
10
8
40
35
0
0
6, 12
0
0
6
0
0
0
0
10
8
4, 10
4, 9
4, 13
4, 9,10
3
ns
42
35
ns
30
25
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
170
145
ns
28
24
8
6
9
8
ns
ns
8, 12
tCEZ
Output Buffer Turn-off Delay Time from CAS
5
ns
20
3
20
3
tCRL
CAS "H" to RAS "H" Lead Time
0
0ns
tRCL
RAS "H" to CAS "H" Lead Time
0
0ns
tDOH
Data Output Hold after CAS Low
11
3
3ns
MSM5432126/8
-45
Max.
23
13
28
35
100k
10k
45
20
10k
32
22
20
Min.
100
3
45
65
7
20
20
3
49
12
45
45
15
0
6
0
7
30
0
0
0
0
7
135
22
6
7
3
0
0
3
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
13
15
12
12
12
12


Similar Part No. - MSM5432128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A-40 OKI-MSM5432126A-40 Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A-40GS-K OKI-MSM5432126A-40GS-K Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A-45 OKI-MSM5432126A-45 Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A-45GS-K OKI-MSM5432126A-45GS-K Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5432128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518128 OKI-MSM518128 Datasheet
217Kb / 15P
   131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com