Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6BU-2214CUS5VDC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # G6BU-2214CUS5VDC
Description  Sub-miniature Relay that Switches up to 5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G6BU-2214CUS5VDC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  G6BU-2214CUS5VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers G6BU-2214CUS5VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers G6BU-2214CUS5VDC Datasheet HTML 3Page - List of Unclassifed Manufacturers G6BU-2214CUS5VDC Datasheet HTML 4Page - List of Unclassifed Manufacturers G6BU-2214CUS5VDC Datasheet HTML 5Page - List of Unclassifed Manufacturers G6BU-2214CUS5VDC Datasheet HTML 6Page - List of Unclassifed Manufacturers G6BU-2214CUS5VDC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
70
PCB Power Relay – G6B
Mounting Height of Relay
with Connecting Socket
P6B-06P
23.2 max.
3
10 max.
(9.9)*
10.1 max.
(10)*
7
3.5
7.62
7.62
0.8
2.54
7.62
0.4
7 mm max.
17 mm max.
7.62
7.62
7.62
(2.71)
2.54
Six, 1.1-dia. holes
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
(23)*
*Average value
Mounting Holes (Bottom View)
P6B-26P
Mounting Holes (Bottom View)
Note: Height of G6B-1174P-US
is 19.5 mm max.
Note: P6B-C2 Hold-down Clips
cannot be used for
G6B-1174P-US.
Six, 1.1-dia. holes
11 max.
(10.8)*
23.2 max.
(23)*
10.1 max.
(10)*
*Average value
7.62
(2.61)
10.16
7.62
Note: Rated current of
socket is 5 A max.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - G6BU-2214CUS5VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6BU-2214CUSP6B12VDC OMRON-G6BU-2214CUSP6B12VDC Datasheet
285Kb / 7P
   PCB Relay
G6BU-2214CUSP6B25VDC OMRON-G6BU-2214CUSP6B25VDC Datasheet
285Kb / 7P
   PCB Relay
G6BU-2214CUSP6B5VDC OMRON-G6BU-2214CUSP6B5VDC Datasheet
285Kb / 7P
   PCB Relay
G6BU-2214CUSP6B6VDC OMRON-G6BU-2214CUSP6B6VDC Datasheet
285Kb / 7P
   PCB Relay
More results

Similar Description - G6BU-2214CUS5VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
P6B-06P OMRON-P6B-06P Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
   Sub-miniature Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com