Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40-1.10EN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 40-1.10EN
Description  Multipoint Recorder Arucomp EK-Ex. A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

40-1.10EN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  40-1.10EN Datasheet HTML 1Page - List of Unclassifed Manufacturers 40-1.10EN Datasheet HTML 2Page - List of Unclassifed Manufacturers 40-1.10EN Datasheet HTML 3Page - List of Unclassifed Manufacturers 40-1.10EN Datasheet HTML 4Page - List of Unclassifed Manufacturers 40-1.10EN Datasheet HTML 5Page - List of Unclassifed Manufacturers 40-1.10EN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Measuring section
Error limit
Accuracy class 0.5 according to DIN 43782/IEC 484 for
basic unit 0...5 mV Meßabweichung
Measuring ranges
Via range box type Arucomp 4900/EK-Ex at rear of unit
Incremental error
without zero shift
0.2 % of span
with zero shift
0.3 / of span
zero shift
≥ 1 mA
including temperature effect
0.2 % / 10 K
Re = 20 k
Ω/V at leat 20 kΩ
Thermometer current Ith
≤ 1 mA
Lead balancing for mV in range 0...40
Ω unnecessary
For
Ω in 3-wire circuit necessary
For
Ω in two-wire circuit of 10 Ω; 0.1 % external
Reference junction
Optionally external or built into range box.
Caution!
Note temperature difference between terminals and range
box
Measuring range limit data
Current measurement
Ie max.
± 50 mA; Ie min. ± 0.1 mA
Span
min. 0.1 mA; max. 100 mA
Re
7
I
(mA)
[
Ω]
Voltage measurement
–25 V DC...+25 V DC
Span
min. 5 mV DC; max. 25 V DC
Re 20 k
Ω/V; jedoch min. 20 kΩ
Zero shift with constant current source
± 600 % of selected span (max. 6/7 of upper range value)
Resistance measurement
Scale span
min. 8
Ω; max. 500 Ω
Circuit designation
Direct voltage and thermocouples with external reference
junction
without zero shift circuit
measuring circuit W 21
with zero elevation
W 22 K
with zero suppression
W 23 K
Resistance measurement
Resistance thermometer
in 2-wire circuit
W 24 K
in 3-wire circuit
W 25 K
Resistance teletransmitter in 3-wire circuit
W 26 K
Current measurement
without zero shift
W 28
with zero elevation
W 27 K
with zero suppression
W 28 K
Continuous overload capacity of signal inputs
± 25 V
electrical motor current switched off at –0.5 % and 100.5 %
Recording section
Scale
interchangeable for all measuring ranges with either 1...6
graduated scales or single scale strips with one graduated
scale each
Scale type
No. of
graduated scales
1
2
3
4,5
5,5
6,5
single scale
Digit size
(mm)
6
5
3
2.5
2,5
2,5
3
Size of main
graduations
8
6
4
3,5
2.5
1.8
3
Colour sequence
Violet, red, black, green, blue, brown (DIN 43 838)
Last point visible form front
ink supply for 5
× 105 dots per colour
Drive
Common synchronous motor for chart drive, measuring
point selector switch and print head
Dotting rate
5/10/20 s selectable
Chart drive
10/20/60/120 mm/h selectable
Recording width
100 mm (chart width 120 mm) to DIN 16 230
Chart length
Roll chart 32 m (approx 66 days at 20 mm/h)
Fanfold chart 16 m (approx 33 days at 20 mm/h)
Chart feed-in
Automatic (roll chart)
Power supply
24 V or 115 V or 230 V; 50 Hz or 60 Hz
Tolerated temperature deviation +10 %, –15 %
Typical power consumption approx. 8 VA
General and safety data
Environmental capabilities
Ambient temperature
0...25...50
°C
Transport and storage temperature
–25...+70
°C
Climatic category
KWE to DIN 40 040
Technical data
Functional diagram
K
C
M
M
D
K+
-
+
-
+
-
62
61
63
Pos.6
K
K
C
M
M
D
+
-
+
-
+
-
12
11
13
Pos.1
K
K
C
M
M
D
+
-
+
-
+
-
Pos.7
901
801
S2
S1
S4
S3
0...5mV
M
MS
IK
12
NL1 PE
10, 20,
60, 120 mm/h
K+
K
-
C+
M
-
M+
D
-
K+
K
-
C+
M
-
M+
D
-
a
b
Z-14901
Multipoint Recorder Arucomp EK-Ex. A
Data Sheet
40-1.10 EN
Page 2 of 6
01.97


Similar Part No. - 40-1.10EN

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
logo
Anaren Microwave
40-100RE ANAREN-40-100RE Datasheet
235Kb / 2P
   BeO Ceramic
logo
OEN India Limited
40-12-2CE OENINDIA-40-12-2CE Datasheet
99Kb / 2P
   DUAL MINI RELAY
logo
Bel Fuse Inc.
40-150-LPI BEL-40-150-LPI Datasheet
1Mb / 3P
   Direct Plug-in Replacement for Original FlatHead??Design
More results

Similar Description - 40-1.10EN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
70-0058-C ETC1-70-0058-C Datasheet
155Kb / 6P
   RSC4X EK BOARD
logo
ATMEL Corporation
ATA6616-EK ATMEL-ATA6616-EK Datasheet
1Mb / 20P
   Atmel ATA6616-EK/ATA6617-EK Development Board V1.1
logo
STMicroelectronics
TN0891 STMICROELECTRONICS-TN0891 Datasheet
162Kb / 3P
   STMicroelectronics embeds EK certificates
logo
PHOENIX CONTACT
2775029 PHOENIX-2775029 Datasheet
141Kb / 5P
   UDK 4-ULA/EK
logo
List of Unclassifed Man...
RN-4142-EK-UG ETC2-RN-4142-EK-UG Datasheet
1Mb / 18P
   RN-41-EK & RN-42-EK Evaluation Kit User?셲 Guide
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Texas Instruments
DS36276 TI1-DS36276_11 Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
   Nanodac Recorder
logo
M-System Co.,Ltd.
MSRPAC10 MSYSTEM-MSRPAC10 Datasheet
1,020Kb / 10P
   PC Recorder Series PC RECORDER SOFTWARE PACKAGE
logo
Fuji Electric
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
   PAPERLESS RECORDER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com