Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137S Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 6N137S
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N137S Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 6N137S Datasheet HTML 4Page - Fairchild Semiconductor 6N137S Datasheet HTML 5Page - Fairchild Semiconductor 6N137S Datasheet HTML 6Page - Fairchild Semiconductor 6N137S Datasheet HTML 7Page - Fairchild Semiconductor 6N137S Datasheet HTML 8Page - Fairchild Semiconductor 6N137S Datasheet HTML 9Page - Fairchild Semiconductor 6N137S Datasheet HTML 10Page - Fairchild Semiconductor 6N137S Datasheet HTML 11Page - Fairchild Semiconductor 6N137S Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.fairchildsemi.com
Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3
Ordering Information
Option
Example Part Number
Description
S
6N137S
Surface Mount Lead Bend
SD
6N137SD
Surface Mount; Tape and reel
W
6N137W
0.4" Lead Spacing
V
6N137V
VDE0884
TV
6N137TV
VDE0884; 0.4” lead spacing
SV
6N137SV
VDE0884; surface mount
SDV
6N137SDV
VDE0884; surface mount; tape and reel
QT Carrier Tape Specifications (“D” Taping Orientation)
4.0
± 0.1
Ø1.55
± 0.05
User Direction of Feed
4.0
± 0.1
1.75
± 0.10
7.5
± 0.1
16.0
± 0.3
12.0
± 0.1
0.30
± 0.05
13.2
± 0.2
4.90
± 0.20
0.1 MAX
10.30
± 0.20
10.30
± 0.20
Ø1.6
± 0.1


Similar Part No. - 6N137S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137S FAIRCHILD-6N137S Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137S FAIRCHILD-6N137S Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
CT Micro International ...
6N137S CTMICRO-6N137S Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Guangdong Youtai Semico...
6N137S UMW-6N137S Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
Everlight Electronics C...
6N137S(TA)-V EVERLIGHT-6N137S(TA)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Similar Description - 6N137S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com