Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2064V-80LJ84 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPLSI2064V-80LJ84
Description  3.3V High Density Programmable Logic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2064V-80LJ84 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPLSI2064V-80LJ84 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Specifications ispLSI 2064V
Pin Description
Input/Output Pins — These are the general purpose I/O pins
used by the logic array.
NAME
Table 2-0002A/2064V
100-PIN TQFP
PIN NUMBERS
DESCRIPTION
17,
22,
27,
32,
40,
45,
49,
55,
67,
72,
77,
82,
90,
95,
99,
5,
62,
10,
11
15
16
37
87
59
14,
12,
4,
31,
54,
75,
100
18,
23,
28,
33,
41,
46,
51,
56,
68,
73,
78,
83,
91,
96,
1,
6,
13
65,
39,
36,
9,
38,
64,
81
19,
24,
29,
34,
42,
47,
52,
57,
69,
74,
79,
84,
92,
97,
2,
7,
60
61,
63,
21,
44,
66,
88,
I/O 0 - I/O 3
I/O 4 - I/O 7
I/O 8 - I/O 11
I/O 12 - I/O 15
I/O 16 - I/O 19
I/O 20 - I/O 23
I/O 24 - I/O 27
I/O 28 - I/O 31
I/O 32 - I/O 35
I/O 36 - I/O 39
I/O 40 - I/O 43
I/O 44 - I/O 47
I/O 48 - I/O 51
I/O 52 - I/O 55
I/O 56 - I/O 59
I/O 60 - I/O 63
GOE 0, GOE 1
Y0, Y1, Y2
RESET
ispEN
TDI/IN 0
TMS/IN 1
TDO/IN 2
TCK/IN 3
GND
VCC
NC1
20,
26,
30,
35,
43,
48,
53,
58,
70,
76,
80,
85,
93,
98,
3
8
86
89
25,
50,
71,
94,
Global Output Enable Input Pins
Dedicated Clock input. This clock input is connected to one of the
clock inputs of all the GLBs in the device.
Active Low (0) Reset pin which resets all registers in the device.
Input — Dedicated in-system programming enable input pin.
This pin is brought low to enable the programming mode. The
TMS, TDI, TDO and TCK controls become active.
Input — This pin performs two functions. When
ispEN is logic
low, it functions as an input pin to load programming data into the
device. TDI/IN 0 also is used as one of the two control pins for the
ISP state machine. When
ispEN is high, it functions as a
dedicated input pin.
Input — This pin performs two functions. When
ispEN is logic low,
it functions as a pin to control the operation of the ISP state
machine. When
ispEN is high, it functions as a dedicated input
pin.
Output/Input — This pin performs two functions. When
ispEN is
logic low, it functions as an output pin to read serial shift register
data. When
ispEN is high, it functions as a dedicated input pin.
Input — This pin performs two functions. When
ispEN is logic
low, it functions as a clock pin for the Serial Shift Register. When
ispEN is high, it functions as a dedicated input pin.
84-PIN PLCC
PIN NUMBERS
26,
30,
34,
38,
45,
49,
53,
57,
68,
72,
76,
80,
3,
7,
11,
15
64,
19,
20
24
25
43
1
61
27,
31,
35,
39,
46,
50,
54,
58,
69,
73,
77,
81,
4
8,
12,
16,
22
67,
28,
32,
36,
40,
47,
51,
55,
59,
70,
74,
78,
82,
5,
9,
13,
17,
62
29,
33,
37,
41,
48,
52,
56,
60,
71,
75,
79,
83,
6,
10,
14,
18
23,
2,
66
44,
21,
63,
42,
84
65
Ground (GND)
Vcc
No Connect.
1. NC pins are not to be connected to any active signals, VCC or GND.


Similar Part No. - ISPLSI2064V-80LJ84

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064VE LATTICE-ISPLSI2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LB100 LATTICE-ISPLSI2064VE-100LB100 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LJ44 LATTICE-ISPLSI2064VE-100LJ44 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LT100 LATTICE-ISPLSI2064VE-100LT100 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LT44 LATTICE-ISPLSI2064VE-100LT44 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2064V-80LJ84

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com