Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70F3017AYF1-EA6 Datasheet(PDF) 11 Page - NEC

Part # UPD70F3017AYF1-EA6
Description  32-BIT SINGLE-CHIP MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3017AYF1-EA6 Datasheet(HTML) 11 Page - NEC

Back Button UPD70F3017AYF1-EA6 Datasheet HTML 7Page - NEC UPD70F3017AYF1-EA6 Datasheet HTML 8Page - NEC UPD70F3017AYF1-EA6 Datasheet HTML 9Page - NEC UPD70F3017AYF1-EA6 Datasheet HTML 10Page - NEC UPD70F3017AYF1-EA6 Datasheet HTML 11Page - NEC UPD70F3017AYF1-EA6 Datasheet HTML 12Page - NEC UPD70F3017AYF1-EA6 Datasheet HTML 13Page - NEC UPD70F3017AYF1-EA6 Datasheet HTML 14Page - NEC UPD70F3017AYF1-EA6 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Data Sheet U14527EJ3V0DS
11
µµµµPD70F3015B, 70F3015BY, 70F3017A, 70F3017AY
1.2 Non-Port Pins
(1/3)
Pin Name
I/O
PULL
Function
Alternate Function
A1 to A4
P110 to P113
A5 to A12
P100/RTP0 to
P107/RTP7
A13
P34/TO0
A14
P35/TI1
A15
Output
Yes
Low-order address bus used for external memory expansion
P36/TI4/TO4
A16 to A21
Output
No
High-order address bus used for external memory expansion
P60 to P65
AD0 to AD7
P40 to P47
AD8 to AD15
I/O
No
16-bit multiplexed address/data bus used for external memory
expansion
P50 to P57
ADTRG
Input
Yes
A/D converter external trigger input
P05/INTP4
ANI0 to ANI7
Input
No
P70 to P77
ANI8 to ANI11
Input
No
Analog input to A/D converter
P80 to P83
ASCK0
P15/SCK1
ASCK1
Input
Yes
Serial clock input for UART0 and UART1
P25
ASTB
Output
No
External address strobe signal output
P94
AVDD
−−
Positive power supply for A/D converter
AVREF
Input
Reference voltage input for A/D converter
AVSS
−−
Ground potential for A/D converter
BVDD
−−
Positive power supply for bus interface
BVSS
−−
Ground potential for bus interface
CLKOUT
Output
Internal system clock output
DSTB
Output
No
External data strobe signal output
P93/RD
HLDAK
Output
No
Bus hold acknowledge output
P95
HLDRQ
Input
No
Bus hold request input
P96
INTP0 to INTP3
External interrupt request input (analog noise elimination)
P01 to P04
INTP4
P05/ADTRG
INTP5
P06/RTPTRG
INTP6
Input
Yes
External interrupt request input (digital noise elimination)
P07
LBEN
Output
No
External data bus's low-order byte enable signal output
P90/WRL
NMI
Input
Yes
Non-maskable interrupt request input
P00
RD
Output
No
Read strobe signal output
P93/DSTB
RESET
Input
System reset input
RTP0 to RTP7
Output
Yes
Real-time output port
P100/A5 to P107/A12
Remark
PULL: On-chip pull-up resistor


Similar Part No. - UPD70F3017AYF1-EA6

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3017AYF1-EA6 NEC-UPD70F3017AYF1-EA6 Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD70F3017AYF1-EA6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com