Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2529 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NJM2529
Description  COLOR TFT SIGNAL PROCESSOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NJM2529 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NJM2529 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 9Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
NJM2529
-6 -
Ver.14
s
s
s
s ELECTRICAL CHARACTERISTICS
(Ta=25
°C,V
CC1=5V, VCC2=5V,VCC3=7V, VCC4=5V,VEE1=-5V,TP2=TP13=TP30=TP44=TP63=2.5V,
TP12=2.8V,TP29=5V,TP37=1V,TP38=3V,TP43=0V,TP60=5V,SW6=SW29=SW58=L)
PARAMETER
SYMBOL
TEST CONDITION (TP=IC Pin No.)
MIN.
TYP.
MAX.
UNIT
Color Killer
Operating Input Level
(NTSC)
VKIN1
SG6 (3.58MHz, 150mVpp) applied
to TP6, SG2 applied to SYNCIN,
SG11 applied to TP57.This item
Measure input level at killer is tern
on at decrease the input swing.
-
-42
-37
Color Killer
Operating Input Level
(PAL)
VKIN2
TP12=0V, SG2 applied to
SYNCIN, SG11 applied to TP57,
SG6 (4.43MHz, 150mVpp) applied
To TP6.This item measure input
level at killer is tern on at decrease
The input swing.
-
-37
-32
dB
Output Level Voltage
Difference among RGB
∆VBRGB
-150
0
+150
mV
INT-EXT
Output Black Level
Voltage Difference
∆VBIE
SG2 applied to SYNC IN, SG11
applied to TP57, SW29=H, SG1
(700mVpp) applied to TP32, TP34,
TP36, SG10 applied to TP54.
Then VRB, VGB, and VBB define
the non-invert black level of TP47,
TP49, TP52.SW29=L,VRBI, VGBI,
and VBBI define the invert black
level of them.
∆VBRGB=VRB-VGB,VBB-VGB=
VRBl-VGBl, SG4 applied to VIDEO
IN. Then VRB (Y),VGB (Y),
and VBB (Y) defines the
non-inverting black level of TP47,
TP49, and TP52. VRBI (Y),
VGBI(Y), and VBBI (Y) define the
invert black level of them.
VBlE=VRB-VRB (Y), VGB-VGB (Y),
=VBB-VBB (Y),VRBl-VRBl(Y),
=VGBl-VGBl(Y),VBBl-VBBl(Y)
-150
0
+150
mV
Gain Difference
Between Invert
And Non-invert
∆GINV
-0.6
0
+0.6
Gain Difference
Among RGB
∆GRGB
-0.6
0
+0.6
INT-EXT
Gain Difference
∆GIE
SG2 applied to SYNC IN, SG11
Applied to TP57, SW29=H, SG1
(700mVpp) applied to TP32, TP34,
TP36, SG10 applied TP54.
This item measure the signal swing
(BLK-WHT) of TP47, TP49, TP52.
VRG, VGG, VBG define the non-
inverting side of them. VRGl, VGGl,
VBGl define the invert side of them.
SW29=L, SG4 applied VIDEO IN.
This item measure the signal swing
(BLK-WHT) of TP47, TP49, TP52.
VYRG, VYGG, VYBG define the
non-inverting side of them.
∆GINV =20LOG(VRGI/VRG)
=20LOG(VGGI/VGG)
=20LOG(VBGI/VBG)
∆VRGB =20LOG(VRG/VGG)
=20LOG(VGG/VBG)
=20LOG(VBG/VRG)
∆GIE =20LOG(VRG/VYRG)
=20LOG(VGG/VYGG)
=20LOG(VBG/VYBG)
-0.6
0
+0.6
dB


Similar Part No. - NJM2529

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
NJM2520D NJRC-NJM2520D Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
NJM2520L NJRC-NJM2520L Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
NJM2520M NJRC-NJM2520M Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
NJM2520V NJRC-NJM2520V Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
More results

Similar Description - NJM2529

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2527 NJRC-NJM2527 Datasheet
301Kb / 34P
   COLOR TFT SIGNAL PROCESSOR
NJW1300B NJRC-NJW1300B Datasheet
242Kb / 27P
   SIGNAL PROCESSOR FOR COLOR TFT
NJW1301 NJRC-NJW1301 Datasheet
325Kb / 37P
   SIGNAL PROCESSOR FOR COLOR TFT FOR NTSC
logo
Rohm
BA7267F ROHM-BA7267F Datasheet
141Kb / 4P
   Color Signal Processor for APCs
BU2763S ROHM-BU2763S Datasheet
153Kb / 4P
   Color Signal Processor for APCs
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
NTE Electronics
NTE1473 NTE-NTE1473 Datasheet
76Kb / 3P
   Integrated Circuit Color & Video Signal Processor
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
logo
NEC
UPC1377C NEC-UPC1377C Datasheet
431Kb / 5P
   SYNCHRONIZATION SIGNAL PROCESSOR OF COLOR TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com