Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

94MT Datasheet(PDF) 6 Page - International Rectifier

Part # 94MT
Description  THREE PHASE AC SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

94MT Datasheet(HTML) 6 Page - International Rectifier

Back Button 94MT Datasheet HTML 2Page - International Rectifier 94MT Datasheet HTML 3Page - International Rectifier 94MT Datasheet HTML 4Page - International Rectifier 94MT Datasheet HTML 5Page - International Rectifier 94MT Datasheet HTML 6Page - International Rectifier 94MT Datasheet HTML 7Page - International Rectifier 94MT Datasheet HTML 8Page - International Rectifier 94MT Datasheet HTML 9Page - International Rectifier 94MT Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Bulletin I27900 rev. A 12/99
1
Optional Hardware
MT..KB Series
GATE LEADS
Ident No.
Device Series
Description
6443.2112.AA
51, 91, 111MT..KB
2 DX connectors with yellow and white leads
6443.2113.AA
52, 92, 112MT..KB
1 SX + 1 DX connectors with yellow and white leads
6443.2114.AA
53, 93, 113MT..KB
1 SX + 2 DX connectors with yellow and white leads
54, 94, 104MT..KB
Ident No. 6444.0211.AA for all MT..KB Series
Barriers Mounting Instructions
Coat uniformly the groove on the plastic box
with a silicon adhesive. Insert the barriers into
the groove on the plastic box. Cure the silicon
adhesive according to its technical notes.
We suggest the use of DOW CORNING
Silastic 744RTV (time curing 30 min. at room
temperature).
BARRIERS
All dimensions are in millimeters (inches)
All dimensions are in millimeters (inches)


Similar Part No. - 94MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94MT100KPBF VISHAY-94MT100KPBF Datasheet
183Kb / 9P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 05-May-08
94MT120KPBF VISHAY-94MT120KPBF Datasheet
183Kb / 9P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 05-May-08
94MT140KPBF VISHAY-94MT140KPBF Datasheet
183Kb / 9P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 05-May-08
94MT160KPBF VISHAY-94MT160KPBF Datasheet
183Kb / 9P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 05-May-08
94MT80KPBF VISHAY-94MT80KPBF Datasheet
183Kb / 9P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 05-May-08
More results

Similar Description - 94MT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
54MT100KB IRF-54MT100KB Datasheet
156Kb / 10P
   THREE PHASE AC SWITCH
logo
Green Power Solutions s...
GOA94004C GPSEMI-GOA94004C_17 Datasheet
101Kb / 3P
   THREE PHASE AC-SWITCH
GOA94010 GPSEMI-GOA94010_17 Datasheet
96Kb / 3P
   THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009_17 Datasheet
105Kb / 2P
   THREE PHASE AC-SWITCH
GOA95002W GPSEMI-GOA95002W Datasheet
103Kb / 2P
   THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009 Datasheet
398Kb / 2P
   THREE PHASE AC-SWITCH
GOA94024 GPSEMI-GOA94024 Datasheet
332Kb / 3P
   THREE PHASE AC-SWITCH
GOA95010 GPSEMI-GOA95010 Datasheet
96Kb / 3P
   THREE PHASE AC-SWITCH
GOA95020 GPSEMI-GOA95020 Datasheet
105Kb / 3P
   THREE PHASE AC-SWITCH
GOA95024 GPSEMI-GOA95024 Datasheet
98Kb / 3P
   THREE PHASE AC-SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com