Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA144ET Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTA144ET
Description  PNP resistor-equipped transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA144ET Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTA144ET Datasheet HTML 6Page - NXP Semiconductors PDTA144ET Datasheet HTML 7Page - NXP Semiconductors PDTA144ET Datasheet HTML 8Page - NXP Semiconductors PDTA144ET Datasheet HTML 9Page - NXP Semiconductors PDTA144ET Datasheet HTML 10Page - NXP Semiconductors PDTA144ET Datasheet HTML 11Page - NXP Semiconductors PDTA144ET Datasheet HTML 12Page - NXP Semiconductors PDTA144ET Datasheet HTML 13Page - NXP Semiconductors PDTA144ET Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2004 Aug 05
11
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 47 kΩ
PDTA144E series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PDTA144ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA144ET PHILIPS-PDTA144ET Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 15
PDTA144ET PHILIPS-PDTA144ET Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTA144ET NXP-PDTA144ET Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA144ET NEXPERIA-PDTA144ET Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
PDTA144ET NEXPERIA-PDTA144ET Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 8 - 14 November 2011
More results

Similar Description - PDTA144ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
PEMB11_PUMB11 PHILIPS-PEMB11_PUMB11_15 Datasheet
634Kb / 14P
   PNP/PNP resistor-equipped transistors;
Rev. 3-30 November 2011
logo
Nexperia B.V. All right...
PQMB11 NEXPERIA-PQMB11 Datasheet
708Kb / 14P
   PNP/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PDTA123E PHILIPS-PDTA123E Datasheet
102Kb / 14P
   PNP resistor-equipped transistors
2004 Aug 02
PEMB14 PHILIPS-PEMB14_15 Datasheet
71Kb / 10P
   PNP/PNP resistor-equipped transistors
Rev. 02-31 August 2009
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PEMD12 PHILIPS-PEMD12 Datasheet
66Kb / 12P
   NPN/PNP resistor-equipped transistors
2001 Nov 07
PIMD3 PHILIPS-PIMD3 Datasheet
65Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com